Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTY1R4N120P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTY1R4N120P
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1R4N120P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTY1R4N120P Datasheet HTML 1Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 2Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 3Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTY1R4N120P IXTA1R4N120P
IXTP1R4N120P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
0.8
1.3
S
C
iss
666
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
36
pF
C
rss
7.6
pF
t
d(on)
25
ns
t
r
27
ns
t
d(off)
78
ns
t
f
29
ns
Q
g(on)
24.8
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
4.4
nC
Q
gd
12.8
nC
R
thJC
1.45
°C/W
R
thCS
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
1.4
A
I
SM
Repetitive, Pulse Width Limited by T
JM
4.2
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
900
ns
Notes: 1. Pulse test, t ≤ 300μs, duty cycle, d ≤ 2%.
2. On through-hole package, R
DS(on) Kelvin test contact
location must be 5mm or less from the package body.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 25Ω (External)
I
F = 1.4A, VGS = 0V,-di/dt = 100A/μs
V
R = 100V
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Pins:
1 - Gate
2 - Drain
3 - Source
TO-220 Outline
TO-252 AA Outline
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38
0.086
0.094
A1
0.89 1.14
0.035
0.045
A2
0 0.13
0
0.005
b
0.64 0.89
0.025
0.035
b1
0.76 1.14
0.030
0.045
b2
5.21 5.46
0.205
0.215
c
0.46 0.58
0.018
0.023
c1
0.46 0.58
0.018
0.023
D
5.97 6.22
0.235
0.245
D1
4.32 5.21
0.170
0.205
E
6.35 6.73
0.250
0.265
E1
4.32 5.21
0.170
0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42
0.370
0.410
L
0.51 1.02
0.020
0.040
L1
0.64 1.02
0.025
0.040
L2
0.89 1.27
0.035
0.050
L3
2.54 2.92
0.100
0.115
1. Gate
2. Drain
3. Source
4. Drain
Bottom Side
TO-263 Outline
1. Gate
2. Drain
3. Source
4. Drain
Bottom Side
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com