Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH3N150 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH3N150
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH3N150 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH3N150 Datasheet HTML 1Page - IXYS Corporation IXTH3N150 Datasheet HTML 2Page - IXYS Corporation IXTH3N150 Datasheet HTML 3Page - IXYS Corporation IXTH3N150 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH3N150
Fig. 7. Transconductance
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
3.5
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Forward Voltage Drop of Intrinsic Diode
0
1
2
3
4
5
6
7
8
9
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
QG - NanoCoulombs
VDS = 750V
I D = 1.5A
I G = 10mA
Fig. 10. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 12. Forward-Bias Safe Operating Area
0.01
0.1
1
10
10
100
1,000
10,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
DC
100ms
IXYS REF: T_3N150(4N)10-26-10-A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com