Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH60N25 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH60N25
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH60N25 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH60N25 Datasheet HTML 1Page - IXYS Corporation IXTH60N25 Datasheet HTML 2Page - IXYS Corporation IXTH60N25 Datasheet HTML 3Page - IXYS Corporation IXTH60N25 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
V
DSS
= 250
V
I
D(cont)
=
60
A
R
DS(on)
=
46 m
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min. Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
250
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2.0
4.0
V
I
GSS
V
GS
= ±20 V DC, V
DS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
µA
V
GS
= 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 15A
46 m
Ω
Pulse test, t
≤ 300 ms, duty cycle d ≤ 2%
Features
•Low R
DS (on) HDMOS
TM process
•Rugged polysilicon gate cell structure
•International standard package
JEDEC TO-247 AD
•Fast switching times
•High commutating dv/dt rating
Applications
• Motor controls
• DC choppers
• Switched-mode and resonant-mode
power supplies
•Uninterruptible Power Supplies (UPS)
Advantages
• Easy to mount with one screw
(isolated mounting screw hole)
• Space savings
• High power density
DS99010A(05/03)
Standard
Power MOSFET
N-Channel Enhancement Mode
Symbol
Test conditions
Maximum ratings
V
DSS
T
J
= 25°C to 150°C
250
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
250
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C MOSFET chip capability
60
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
240
A
I
AR
60
A
E
AR
T
C
= 25
°C50
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
(TO-247)
1.13/10
Nm/lb.in.
Weight
(TO-247)
6
g
(TO-268)
4
g
G = Gate
D
= Drain
S = Source
Tab = Drain
Maximum lead temperature for soldering
1.6 mm (0.062 in.) from case for 10 s
IXTH 60N25
IXTT 60N25
TO-247 AD (IXTH)
G
D S
D (TAB)
G
S
C (TAB)
TO-268 (IXTT)
300
°C


Similar Part No. - IXTH60N25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH60N25 ISC-IXTH60N25 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH60N25

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com