Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP6B Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLP6B
Description  PLCC6 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLP6B Datasheet(HTML) 1 Page - Marktech Corporate

  CLP6B Datasheet HTML 1Page - Marktech Corporate CLP6B Datasheet HTML 2Page - Marktech Corporate CLP6B Datasheet HTML 3Page - Marktech Corporate CLP6B Datasheet HTML 4Page - Marktech Corporate CLP6B Datasheet HTML 5Page - Marktech Corporate CLP6B Datasheet HTML 6Page - Marktech Corporate CLP6B Datasheet HTML 7Page - Marktech Corporate CLP6B Datasheet HTML 8Page - Marktech Corporate CLP6B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
These SMD LEDs are packaged in an industry-standard PLCC6 package. These
high-reliability and high-brightness LEDs are designed to work in a wide range of
environmental conditions and are ideally suited for use in illumination applications.
Their wide viewing angle makes these LEDs ideally suited for channel letters or
general backlighting and illumination applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.
FEATURES
•
Size (mm): 6.0 x 5.0
•
Color Temperatures (K):
»
CLP6B-WKW: Min.(4600) / Typical (6800)
»
CLP6B-MKW: Min. (2500) / Typical (3200)
•
Luminous Intensity (mcd)
»
Cool White (7100-18000)
»
Warm White (7100-14000)
•
CRI
»
Typical CRI for Cool White (4600–15000K) is 72
»
Typical CRI for Warm White (2500–4600K) is 80
•
Viewing Angle: 120 degrees
•
Lead-Free
•
RoHS-Compliant
APPLICATIONS
•
Light Strip
•
Channel Letter
•
Backlight
Cree® PLCC6 3-in-1 SMD LED
CLP6B-WKW/MKW
Data Sheet


Similar Part No. - CLP6B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-MKW CREE-CLP6B-MKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6B-MKW-CB0D0133 CREE-CLP6B-MKW-CB0D0133 Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6B-MKW-CB0D0133 MARKTECH-CLP6B-MKW-CB0D0133 Datasheet
639Kb / 10P
Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree, Inc
CLP6B-MKW-CB0D0233 CREE-CLP6B-MKW-CB0D0233 Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6B-MKW-CB0D0233 MARKTECH-CLP6B-MKW-CB0D0233 Datasheet
639Kb / 10P
Cree짰 PLCC6 3-in-1 SMD LED
More results

Similar Description - CLP6B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com