Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPR3DK Datasheet(PDF) 5 Page - Marktech Corporate

Part # CPR3DK
Description  LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CPR3DK Datasheet(HTML) 5 Page - Marktech Corporate

  CPR3DK Datasheet HTML 1Page - Marktech Corporate CPR3DK Datasheet HTML 2Page - Marktech Corporate CPR3DK Datasheet HTML 3Page - Marktech Corporate CPR3DK Datasheet HTML 4Page - Marktech Corporate CPR3DK Datasheet HTML 5Page - Marktech Corporate CPR3DK Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2007-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR260 are trademarks of Cree, Inc.
5
CPR3DK Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTRLEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
Wavelength Shift vs Forward Current
-6.00
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
01020304050
If (mA)
460
527
Relative Intensity vs Peak Wavelength
0
20
40
60
80
100
120
320
420
520
620
Wavelength (nm)
0%
100%
200%
300%
400%
0
20
40
60
80
100
If (mA)
Relative Intensity vs. Forward Current
-15
-10
-5
0
5
10
0
20
40
60
80
100
If (mA)
Wavelength Shift vs. Forward Current
0
20
40
60
80
100
0
1
2
3
4
5
6
Vf (V)
Forward Current vs. Forward Voltage
Relative Intensity vs. Peak Wavelength
Wavelength (nm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com