Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTR90P20P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTR90P20P
Description  P-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTR90P20P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTR90P20P Datasheet HTML 1Page - IXYS Corporation IXTR90P20P Datasheet HTML 2Page - IXYS Corporation IXTR90P20P Datasheet HTML 3Page - IXYS Corporation IXTR90P20P Datasheet HTML 4Page - IXYS Corporation IXTR90P20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 200
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 200
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
- 53
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
- 270
A
I
A
T
C = 25°C
- 90
A
E
AS
T
C = 25°C
3.5
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
312
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 H
Z , RMS t = 1min
2500
V~
M
d
Mounting Force
20..120/4.5..27
N/lb.
Weight
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 200
V
V
GS(th)
V
DS = VGS, ID = -1mA
- 2.0
- 4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS , VGS = 0V
- 50
μA
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = - 45A, Note 1
48 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTR90P20P
V
DSS
= - 200V
I
D25
= - 53A
R
DS(on) ≤
≤≤≤≤
48m
Ω
Ω
Ω
Ω
Ω
DS99932C(01/13)
Features
Silicon chip on Direct-Copper Bond
(DCB) Substrate
- UL Recognized Package
- Isolated Mounting Surface
- 2500V~ Electrical Isolation
Avalanche Rated
Fast Intrinsic Diode
The Rugged PolarPTM Process
Low Q
G
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High-Side Switches
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
G = Gate
D
= Drain
S = Source
ISOPLUS247
E153432
G
S
D
Isolated
Tab


Similar Part No. - IXTR90P20P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTR90P10P IXYS-IXTR90P10P Datasheet
155Kb / 5P
P-Channel Enhancement Mode
More results

Similar Description - IXTR90P20P

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com