Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTX22N100L Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTX22N100L
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTX22N100L Datasheet(HTML) 2 Page - IXYS Corporation

  IXTX22N100L Datasheet HTML 1Page - IXYS Corporation IXTX22N100L Datasheet HTML 2Page - IXYS Corporation IXTX22N100L Datasheet HTML 3Page - IXYS Corporation IXTX22N100L Datasheet HTML 4Page - IXYS Corporation IXTX22N100L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTK22N100L
IXTX22N100L
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2 7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • IDSS, Note 1
4.5
7.0
9.5
S
C
iss
7050
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
600
pF
C
rss
100
pF
t
d(on)
36
ns
t
r
35
ns
t
d(off)
80
ns
t
f
50
ns
Q
g(on)
270
nC
Q
gs
V
GS = 15V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
70
nC
Q
gd
110
nC
R
thJC
0.18 °C/W
R
thCS
0.15
°C/W
Safe-Operating-Area Specification
Symbol
Test Conditions
Characteristic Values
Min.
Typ.
Max.
SOA
V
DS = 800V, ID = 0.3A, TC = 90°C , tp = 5s
240
W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
22
A
I
SM
Repetitive, Pulse Width Limited by T
JM
50
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
1000
ns
Resistive Switching Times
V
GS = 15V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
R
G = 2Ω (External)
I
F = IS, -di/dt = 100A/μs, VR = 100V, VGS = 0V
TO-264 Outline
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.
1 - Gate
2 - Drain
3 - Source
4 - Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80
21.34
.819
.840
E
15.75
16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
Terminals: 1 - Gate
2 - Drain
3 - Source
PLUS 247TM Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com