Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV571IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV571IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments TLV571IPW Datasheet HTML 10Page - Texas Instruments TLV571IPW Datasheet HTML 11Page - Texas Instruments TLV571IPW Datasheet HTML 12Page - Texas Instruments TLV571IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
internal clock
With CS low and WR low, data is written into the ADC. The sampling begins at the falling edge of CSTART, and conversion begins at the rising
edge of CSTART. The internal clock turns on at the rising edge of CSTART. The internal clock is disabled after each conversion.
OR
Auto Powerdown
CS
WR
CSTART
INTCLK
RD
D[0:7]
INT
EOC
Config
Data
ADC
Data
ADC
Data
t
su(CSL_WRL)
th(WRH_CSH)
td(CSH_CSTARTL)
t(sample)
tsu(DAV_WRH)
t
h(WRH_DAV)
tc
tsu(CSL_RDL)
th(RDH_CSH)
ten(RDL_DAV)
tdis(RDH_DAV)
tc
tsu(CSL_RDL)
ten(RDL_DAV)
t
(STARTOSC)
t(STARTOSC)
9
10
1
0
Auto Powerdown
Figure 5. Input Conversion – Hardware CSTART, Internal Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com