Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0834CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV0834CPWR
Description  3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0834CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV0834CPWR Datasheet HTML 2Page - Texas Instruments TLV0834CPWR Datasheet HTML 3Page - Texas Instruments TLV0834CPWR Datasheet HTML 4Page - Texas Instruments TLV0834CPWR Datasheet HTML 5Page - Texas Instruments TLV0834CPWR Datasheet HTML 6Page - Texas Instruments TLV0834CPWR Datasheet HTML 7Page - Texas Instruments TLV0834CPWR Datasheet HTML 8Page - Texas Instruments TLV0834CPWR Datasheet HTML 9Page - Texas Instruments TLV0834CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLV0834C, TLV0834I, TLV0838C, TLV0838I
3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS147B – SEPTEMBER 1996 – REVISED OCTOBER 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV0838 MUX-ADDRESS CONTROL LOGIC TABLE
MUX ADDRESS
SELECTED CHANNEL NUMBER
SGL/DIF
ODD/EVEN
SELECT
0
123
COM
SGL/DIF
ODD/EVEN
1
0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
L
L
L
L
+
–
L
L
L
H
+–
L
L
H
L
+–
L
L
H
H
+–
L
H
L
L
–
+
L
H
L
H
–+
L
H
H
L
–+
L
H
H
H
–+
H
L
L
L
+
–
H
L
L
H
+–
H
L
H
L
+–
H
L
H
H
+–
H
H
L
L
+
–
H
H
L
H
+–
H
H
H
L
+–
H
H
H
H
+
–
H = high level, L = low level, – or + = polarity of external input
absolute maximum ratings over recommended operating free-air temperature range (unless
otherwise noted)†
Supply voltage, VCC (see Note 1)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: Logic
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog
– 0.3 V to VCC+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total input current
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential voltages, are with respect to the network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com