Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPLS160-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DPLS160-7
Description  Epitaxial Planar Die Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS160-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DPLS160-7 Datasheet HTML 1Page - Diodes Incorporated DPLS160-7 Datasheet HTML 2Page - Diodes Incorporated DPLS160-7 Datasheet HTML 3Page - Diodes Incorporated DPLS160-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPLS160
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (DNLS160)
•
Surface Mount Package Suited for Automated Assembly
•
Lead Free/RoHS Compliant (Note 1)
•
"Green Device" (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.008 grams (approximate)
SOT-23
E
B
C
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-1
A
Peak Pulse Collector Current
ICM
-2
A
Base Current (DC)
IB
-300
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 3) @ TA = 25°C
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diode’s Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document
AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS31389 Rev. 4 - 2
1 of 4
www.diodes.com
DPLS160
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DPLS160-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
170Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev. 4 - 2
More results

Similar Description - DPLS160-7

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
Epitaxial planar die construction.
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2222 MAKOSEMI-MMBT2222 Datasheet
523Kb / 2P
Epitaxial planar die construction
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
Epitaxial planar die construction.
MMBT2907 MAKOSEMI-MMBT2907 Datasheet
119Kb / 2P
Epitaxial planar die construction.
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
Epitaxial planar die construction
logo
Shenzhen Luguang Electr...
MMBT2222A LUGUANG-MMBT2222A Datasheet
2Mb / 3P
Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
Epitaxial planar die construction
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
Epitaxial planar die construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com