Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4697 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMSZ4697
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMSZ4697 Datasheet(HTML) 2 Page - General Semiconductor

  MMSZ4697 Datasheet HTML 1Page - General Semiconductor MMSZ4697 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMSZ4681
CF
2.4
2.28
2.52
2.00
1.0
MMSZ4682
CH
2.7
2.57
2.84
1.00
1.0
MMSZ4683
CJ
3.0
2.85
3.15
0.80
1.0
MMSZ4684
CK
3.3
3.14
3.47
7.50
1.5
MMSZ4685
CM
3.6
3.42
3.78
7.50
2.0
MMSZ4686
CN
3.9
3.71
4.10
5.00
2.0
MMSZ4687
CP
4.3
4.09
4.52
4.00
2.0
MMSZ4688
CT
4.7
4.47
4.94
10.0
3.0
MMSZ4689
CU
5.1
4.85
5.36
10.0
3.0
MMSZ4690
CV
5.6
5.32
5.88
10.0
4.0
MMSZ4691
CA
6.2
5.89
6.51
10.0
5.0
MMSZ4692
CX
6.8
6.46
7.14
10.0
5.1
MMSZ4693
CY
7.5
7.13
7.88
10.0
5.7
MMSZ4694
CZ
8.2
7.79
8.61
1.00
6.2
MMSZ4695
DC
8.7
8.27
9.14
1.00
6.6
MMSZ4696
DD
9.1
8.65
9.56
1.00
6.9
MMSZ4697
DE
10.0
9.50
10.5
1.00
7.6
MMSZ4698
DF
11.0
10.5
11.6
0.05
8.4
MMSZ4699
DH
12.0
11.4
12.6
0.05
9.1
MMSZ4700
DJ
13.0
12.4
13.7
0.05
9.8
MMSZ4701
DK
14.0
13.3
14.7
0.05
10.6
MMSZ4702
DM
15.0
14.3
15.8
0.05
11.4
MMSZ4703
DN
16.0
15.2
16.8
0.05
12.1
MMSZ4704
DP
17.0
16.2
17.9
0.05
12.9
MMSZ4705
DT
18.0
17.1
18.9
0.05
13.6
MMSZ4706
DU
19.0
18.1
20.0
0.05
14.4
MMSZ4707
DV
20.0
19.0
21.0
0.01
15.2
MMSZ4708
DA
22.0
20.9
23.1
0.01
16.7
MMSZ4709
DZ
24.0
22.8
25.2
0.01
18.2
MMSZ4710
DY
25.0
23.8
26.3
0.01
19.0
MMSZ4711
EA
27.0
25.7
28.4
0.01
20.4
MMSZ4712
EC
28.0
26.6
29.4
0.01
21.2
MMSZ4713
ED
30.0
28.5
31.5
0.01
22.8
MMSZ4714
EE
33.0
31.4
34.7
0.01
25.0
MMSZ4715
EF
36.0
34.2
37.8
0.01
27.3
MMSZ4716
EH
39.0
37.1
41.0
0.01
29.6
MMSZ4717
EJ
43.0
40.9
45.2
0.01
32.6
MMSZ4681 THRU MMSZ4717
ELECTRICAL CHARACTERISTICS
Type
Marking
Code
Zener Voltage(1)
VZ @ IZT = 50
µA (Volts)
Test Voltage
VR
(Volts)
Nominal
NOTES:
(1) Measured with device junction in thermal equilibrium
Min
Max
Max Reverse
Current
IR
(µA)
TA = 25°C unless otherwise specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com