Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG4A Datasheet(PDF) 1 Page - General Semiconductor

Part # RG4A
Description  GLASS PASSIVATED FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

RG4A Datasheet(HTML) 1 Page - General Semiconductor

  RG4A Datasheet HTML 1Page - General Semiconductor RG4A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG4A THRU RG4J
GLASS PASSIVATED FAST SWITCHING RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Fast switching for
fast efficiency
♦ 3.0 Ampere operation
at TA=50°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Hermetically sealed package
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.037 ounce, 1.04 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
RG4A
RG4B
RG4D
RG4G
RG4J
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead lengths at TA=55°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 3.0A
VF
1.3
Volts
Maximum reverse current
at rated DC blocking voltage
IR
5.0
µA
Maximum average reverse current
TA=25°C
2.0
at peak reverse voltage
TA=100°C
IR(AV)
100.0
µA
Maximum reverse recovery time (NOTE 1)
trr
150
250
ns
Typical junction capacitance (NOTE 2)
CJ
50.0
pF
Typical thermal resistance (NOTE 3)R
ΘJA
22.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, with both leads to heat sink
4/98
0.180 (4.6)
0.115 (2.9)
0.042 (1.07)
0.038 (0.962)
DIA.
DIA.
MAX.
0.300 (7.6)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
Case Style G4
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - RG4A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG4A SANKEN-RG4A Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RG4A ETC1-RG4A Datasheet
55Kb / 2P
HIGH EFFICIENCY RECTIFIER
RG4A ETC1-RG4A Datasheet
95Kb / 3P
Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RG4A BILIN-RG4A Datasheet
56Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
RG4A LUGUANG-RG4A Datasheet
171Kb / 2P
High Efficiency Rectifiers
More results

Similar Description - RG4A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5415 GE-1N5415 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
1N5615 GE-1N5615 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG1A GE-RG1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG2A GE-RG2A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A GE-RG3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP10 CHENG-YI-RGPP10 Datasheet
114Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com