Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT511 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MT511
Description  High Output Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT511 Datasheet(HTML) 2 Page - Marktech Corporate

  MT511 Datasheet HTML 1Page - Marktech Corporate MT511 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.marktechopto.com
800.984.5337
MT511-UR
Graphs:
Electrical & Optical Characteristics (Ta = 25ºC)
Items
Symbol
Conditions
Min
Typ
Max
Unit
Power Output
PO
IF=20mA
--
5.0
--
mW
Forward Voltage
VF
IF=20mA
--
1.8
2.2
V
Reverse Current
IR
VR=5V
--
--
100
μA
Peak Wavelength
λp
IF=20mA
--
660
--
nm
Spectral Line Half Width
Δ λ
IF=20mA
--
25
--
nm
Half Intensity Beam Angle
θ
IF=20mA
--
±55
--
deg.
Rise Time
Tr
IFP=20mA
--
30
--
nS
Fall Time
Tf
IFP=20mA
--
30
--
nS
Junction Capacitance
Cj
IMHz, V=0V
--
20
--
pF
Temp. Coefficient of PO
P/T
IF=10mA
--
-0.5
--
%/ºC
Temp Coefficient of VF
V/T
IF=10mA
--
-1.5
--
mV/ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com