Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2431L-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE2431L-R
Description  The Right Products for Your System Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2431L-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE2431L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 15Page - Skyworks Solutions Inc. SE2431L-R Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
WWW.SKYWORKSINC.COM
Table 18. Schottky diodes for detector and Mixer Applications
Part
Voltage
Capacitance
Forward
Package
Frequency Band (MHz)
Number
Function
Breakdown (V
B)
(C
t)
Voltage (V
F)
(mm)
450
915
2400
SMS7630-040LF
Detector
1 V @ 10 µA
0.30 pF @ 0.15 V
V
F @ 0.1 mA = 60–120 mV
SC-79 1.6 x 0.8
SMS7630-079LF
Detector
1 V @ 10 µA
0.30 pF @ 0.15 V
V
F @ 0.1 mA = 60–120 mV
0402 1.0 x 0.6
SMS7630-061
Detector
1 V @ 10 µA
0.30 pF @ 0.15 V
V
F @ 0.1 mA = 60–120 mV
0201 0.60 x 0.30
SMS7621-040LF
Detector/Mixer
2 V @ 10 µA
0.18 pF @ 0.15 V
V
F @ 1.0 mA = 260–320 mV
0402 1.0 x 0.6
SMS7621-079LF
Detector/Mixer
2 V @ 10 µA
0.18 pF @ 0.15 V
V
F @ 1.0 mA = 260–320 mV
SC-79 1.6 x 0.8
SMS7621-060
Detector/Mixer
2 V @ 10 µA
0.18 pF @ 0.15 V
V
F @ 1.0 mA = 260–320 mV
0201 0.60 x 0.30
SMS3926-023LF
Low Drive Mixer
2 V @ 10 µA
0.30 pF @ 0 V
V
F @ 1.0 mA = 200–270 mV
SOT-143 2.37 x 2.92
SMS3927-023LF
Medium Drive Mixer
2 V @ 10 µA
0.30 pF @ 0 V
V
F @ 1.0 mA = 310–370 mV
SOT-143 2.37 x 2.92
SMS3928-023LF
High Drive Mixer
4 V @ 10 µA
0.30 pF @ 0 V
V
F @ 1.0 mA = 520–580 mV
SOT-143 2.37 x 2.92
Diodes • PIN, Schottky
Table 17. PIn diodes for Switching Applications
Part
Voltage
Capacitance
Series
Package
Frequency Band (MHz)
Number
Function
Breakdown (V
B)
(C
t)
Resistance (R
S)
(mm)
450
915
2400
SMP1345-518
Antenna Switch
50 V @ 10 µA
0.18 pF @ 5 V
R
S @ 10 mA = 1.5 Ω
LGA 1.2 x 1.4
SMP1340-040LF
T/R Switch
50 V @ 10 uA
0.20 pF @ 5 V
R
S @ 10 mA = 0.9 Ω
0402 1.0 x 0.6
SMP1340-079LF
Antenna Switch
50 V @ 10 µA
0.20 pF @ 5 V
R
S @ 10 mA = 0.9 Ω
SC-79 1.6 x 0.8
SMP1320-040LF
T/R Switch
50 V @ 10 µA
0.25 pF @ 30 V
R
S @ 10 mA = 0.9 Ω
0402 1.0 x 0.6
SMP1320-079LF
T/R Switch
50 V @ 10 µA
0.30 pF @ 30 V
R
S @ 10 mA = 0.9 Ω
SC-79 1.6 x 0.8
SMP1302-079LF
Attenuator Switch
200 V @ 10 µA
0.30 pF @ 30 V
R
S @ 10 mA = 3.0 Ω
SC-79 1.6 x 0.8
SMP1302-040LF
T/R Switch
50 V @ 10 µA
0.30 pF @ 30 V
R
S @ 10 mA = 0.9 Ω
0402 1.0 x 0.6
New products indicated in
blue, bold are continually being introduced at Skyworks. For the latest information, please visit the new products section of our Web site at www.skyworksinc.com.
dIOdES (COnTInuEd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com