Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2438T-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2438T-R
Description  The Right Products for Your System Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2438T-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2438T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2438T-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
WWW.SKYWORKSINC.COM
Part
P
Out
Gain
P
1 dB
I
CQ
Package
Frequency Band (MHz)
Number
Function
(dBm)
(dB)
(dBm)
(mA)
(mm)
450
915
2400
SE2433T-R
2-Stage Power Amplifier
24
22
24
QFN 2.5 x 2
SKY65116
2-Stage Power Amplifier
33
33
320
MCM 8 x 8
SKY65111-348LF
3-Stage Power Amplifier
39.5
29.5
250
QFN 3 x 3
SKY65006-348LF
3-Stage Power Amplifier
27.5
23.4
50
QFN 3 x 3
SKY65131
2-Stage Power Amplifier
26
28
150
MCM 4 x 4
SKY65132
3-Stage Power Amplifier
33
30
330
MCM 6 x 6
SKY65009-70LF
Single Stage Driver
17
25
110
SOT-89 4.5 x 2.4
SKY65045-70LF
Single Stage Driver
14 dB @
900 MHz
25
60
SOT-89 4.5 x 2.4
SKY65162-70LF
Single Stage Driver
20
29
185
SOT-89 4.5 x 2.4
SKY65152-11
3-Stage Power Amplifier
32
33
490
MCM 6 x 6
SKY67130-396LF
Single Stage Driver
13
16
22
DFN 2 x 2
FrOnT-End MOdulES (COnTInuEd)
Table 1. Front-end Modules (Continued)
New products indicated in
blue, bold are continually being introduced at Skyworks. For the latest information, please visit the new products section of our Web site at www.skyworksinc.com.
Front-end Modules, Amplifiers
Part
P
Out
tx Gain Rx Gain
I
CC tx
Package
Frequency Band (MHz)
Number
Function
(dBm)
(dB)
(dB)
(mA)
(mm)
< 170 410–470 868–930 2400–2500
SKY85302-11
2.4 GHz, 256 QAM WLAN/Bluetooth® Front-end Module
19
26
14
QFN 2.5 x 2.5
SKY85303-11
2.4 GHz, 256 QAM WLAN/Bluetooth® Front-end Module
19
26
14
QFN 2.5 x 2.5
SE2431L-R
Tx / Rx Front-end Module with LNA
20
23
12
110
QFN 3 x 4
SE2432L-R
Tx / Rx Front-end Module with LNA
20
22
11.5
110
QFN 3 x 4
SE2436L-R
High Power Tx / Rx Front-end Module with LNA
27
28
11.5
400
QFN 4 x 4
SKY66109-11
High Performance, Highly Integrated Front-end Module
20–24
22
12
105
MCM 3 x 4
AMPlIFIErS
Table 2. Power Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com