| Electronic Components Datasheet Search |
|
AS3953A Datasheet(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3953A Datasheet(HTML) 14 Page - ams AG |
|
14 / 42 page ![]() www.ams.com Revision 1.3 14 - 42 AS3953A Datasheet - Detailed Descr i p ti on If configuration bit15 [nfc] is set to logic ‘1’, the SAK on Cascade Level 2 reports that tag is NFC passive target (see table below). ATS. ATS is response to ISO 14443-4 command RATS. The content of the ATS is used to inform the PCD about PICC capability (like the maximum frame size, support of higher bit rates, etc.) Several response fields of ATS are stored in EEPROM configuration word. The AS3953A ATS is composed of following 5 bytes according to [ISO4]: TL, T0, TA(1), TB(1) and TC(1). TL: This is the length byte. Since ATS is composed of 5 bytes, its content is 0x05. Table below defines the coding of the TL byte. T0: This is the format byte. Table below defines the coding of the T0 byte. Bit b8 is set to ‘0’. Bits b7 to b5 indicate presence of bytes TA(1), TB(1) and TC(1) and hence are all set to ‘1’. Bits b4 to b1 are called FCSI and codes FCS. The FCS is maximum size of a frame defined by PICC. It is defined by configuration bits fsci<3:0>. TA(1): This codes the bit rate capability of PICC. Supported higher bit rates of AS3953A are 212, 424 and 848 kb/s. However in specific applications, it is advised to report lower capability to PCD (for example, due to the usage of slow controller or low power application). Due to this reason the TA(1) response is configurable using configuration bits. Bit b8 set to ‘0’ codes possibility of having different data rates for each direction. TB(1): The interface byte TB(1) conveys information to define the frame waiting time and the start-up frame guard time. The interface byte TB(1) consists of two parts: - The most significant half-byte b8 to b5 is called FWI and codes frame waiting time (FWT). - The least significant half byte b4 to b1 is called SFGI and codes a multiplier value used to define the SFGT. The SFGT defines a specific guard time needed by the PICC before it is ready to receive the next frame after it has sent the ATS. SFGI is coded in the range from 0 to 14. The value of ‘0’ indicates ‘No SFGT needed’. The SFGT bits are fixed to default value which is 0x0, while the FWI bits are defined by configuration bits fwi<3:0>. Table below defines the coding of the TB(1) byte. b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 1 0 000 00 UID complete, tag is compliant to NFCIP-1 transport protocol b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 000010 1 Coding of ATS byte TL b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 1 1 1 fsci<3> fsci<2> fsci<1> fsci<0> Coding of ATS byte T0 TC(1) TB(1) TA(1) FCSI b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description dr_sdr dr_picc_8 dr_picc_4 dr_picc_2 0 dr_pcd_8 dr_pcd_4 dr_pcd_2 Coding of ATS byte TA(1) DS (PICC to PCD) DR (PCD to PICC) b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description fwi<3> fwi<2> fwi<1> fwi<0> 0 0 0 0 Coding of ATS byte TB(1) FWI SFGI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |