Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5050A Datasheet(PDF) 23 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 23 Page - ams AG

Back Button AS5050A Datasheet HTML 19Page - ams AG AS5050A Datasheet HTML 20Page - ams AG AS5050A Datasheet HTML 21Page - ams AG AS5050A Datasheet HTML 22Page - ams AG AS5050A Datasheet HTML 23Page - ams AG AS5050A Datasheet HTML 24Page - ams AG AS5050A Datasheet HTML 25Page - ams AG AS5050A Datasheet HTML 26Page - ams AG AS5050A Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ams Datasheet
Page 23
[v2-03] 2014-Jul-31
Document Feedback
AS5050A − Error Monitoring
Error Status Register
Figure 32:
Error Status Register and Description
Bit
Type
Description
Error Status DSP
13
Reserved
12
FIELD_ALARM_LO
AGC level is equal or even higher than the maximum level. Magnetic field is
too weak.
11
FIELD_ALARM_HI
AGC level is equal or even lower than the minimum level. Magnetic field is too
strong.
10
RANGE
The RANGE flag signals that the Hall bias circuit has reached the head room
limit. This might occur at the combination of low supply voltage, high
temperature and low magnetic field. In this case, manually reducing the AGC
setting (Figure 28) can be used to recover a valid Hall biasing condition.
9CORDICOV
The CORDIC calculates the angle. An error occurs when the input signals of the
CORDIC are too large. The internal algorithm fails.
8ADCOV
The ADCOV bit occurs if the magnetic input field strength is too large for at
least one Hall element. This can be the case if the magnet is displaced. Second
reason could be that the offset compensation after power up is not finished
yet. If this happens some dummy READ ANGLE commands may be sent to
settle the offset loop.
Error Status System
7Reserved
6Reserved
5Reserved
4WOW
When a READ ANGLE command is in progress, the WOW flag is set to 1. At the
end of the measurement the WOW flag is cleared to 0. Only in case of
deadlock the WOW flag is stuck high; in which case a MASTER RESET must be
sent to clear the deadlock.
Error Status SPI
3Reserved
2
ADDMON
Set to high when non existing address is used.
1
CLKMON
Set to high when the amount of clock cycles is not correct.
0PARITY
Set to high when the transmitted parity bit does not match to calculated
parity bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com