Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5147 Datasheet(PDF) 22 Page - ams AG

Part # AS5147
Description  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5147 Datasheet(HTML) 22 Page - ams AG

Back Button AS5147 Datasheet HTML 18Page - ams AG AS5147 Datasheet HTML 19Page - ams AG AS5147 Datasheet HTML 20Page - ams AG AS5147 Datasheet HTML 21Page - ams AG AS5147 Datasheet HTML 22Page - ams AG AS5147 Datasheet HTML 23Page - ams AG AS5147 Datasheet HTML 24Page - ams AG AS5147 Datasheet HTML 25Page - ams AG AS5147 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
AS5147 – 22
ams Datasheet: 2014-Jun-27 [v1-04]
De tail ed De sc rip t ion
LF error / COF error
In case of an LF or COF error, all outputs are changing into a safe
state:
SPI Output: Information in the DIAAGC (0x3FFC) register. The
angle information is still valid.
PWM Output: PWM Clock Period 13 - 16 of the first 16 PWM Clock
Periods = low. Additional there is no angle information valid
(all 4096 clock periods = low)
ABI Output : The state of ABI is frozen to ABI = 111
UVW Output : The state of UVW is frozen to UVW = 000
MAGH error /MAGL error
Default diagnostic setting for MAGH error /MAGL error:
In case of a MAGH error or MAGL error, there is no safe state on
the PWM,ABI or UVW outputs if comp_h_error_en= 0 &
comp_h_error_en = 0. The device is operating with the
performance as explained.
The error flags can be read out with the DIAAGC (0x3FFC)
register.
Enhanced diagnosis setting for MAGH error / MAGL error:
In case of a MAGH error or MAGL error, the PWM,ABI or UVW
outputs are going into a safe state if comp_h_error_en= 1 &
comp_h_error_en = 1.
SPI Output: Information in the DIAAGC (0x3FFC) register. The
angle information is still valid, if the MAGH or MAGL error flag
is on.
PWM Output: PWM Clock Period 13 - 16 of the first 16 PWM Clock
Periods = low. Additional there is no angle information valid (all
4096 clock periods = low)
ABI Output : The state of ABI is frozen to ABI = 111
UVW Output : The state of UVW is frozen to UVW = 000
Important: When comp_(h/l)_error_en is enabled a marginal
magnetic field input can cause toggling of MAGH or MAGL
which will lead to toggling of the ABI/UVW outputs between
operational mode and failure mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com