Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD26721 Datasheet(PDF) 21 Page - ams AG

Part # TMD26721
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD26721 Datasheet(HTML) 21 Page - ams AG

Back Button TMD26721 Datasheet HTML 17Page - ams AG TMD26721 Datasheet HTML 18Page - ams AG TMD26721 Datasheet HTML 19Page - ams AG TMD26721 Datasheet HTML 20Page - ams AG TMD26721 Datasheet HTML 21Page - ams AG TMD26721 Datasheet HTML 22Page - ams AG TMD26721 Datasheet HTML 23Page - ams AG TMD26721 Datasheet HTML 24Page - ams AG TMD26721 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
20
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 14. ID Register
6
75
4
2
31
0
ID
ID
Reset
ID
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x32 = TMD26721
ID
7:0
Part number identification
0x3B = TMD26723
Status Register (0x13)
The Status Register provides the internal status of the device. This register is read only.
Table 15. Status Register
6
75
4
2
31
0
STATUS
Reserved
Resv
Reset
0x00
Reserved
PINT
PVALID
PSAT
Reserved
FIELD
BIT
DESCRIPTION
Reserved
7
Reserved.
PSAT
6
Proximity Saturation. Indicates that the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity interrupt.
Reserved
4:2
Reserved. Bits read as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed an integration cycle after PEN has been
asserted.
Reserved
0
Reserved.
Proximity Data Register (0x18 − 0x19h)
Proximity data is stored as a 16-bit value. To ensure the data is read correctly, a two-byte I2C read transaction
should be utilized with auto increment protocol bits set in the command register. With this operation, when the
lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent
read to the upper byte. The upper register will read the correct value even if the next ADC cycle ends between
the reading of the lower and upper registers.
Table 16.
PDATA Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com