Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL235 Datasheet(PDF) 2 Page - ams AG

Part # TSL235
Description  LIGHT-TO-FREQUENCY CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL235 Datasheet(HTML) 2 Page - ams AG

  TSL235 Datasheet HTML 1Page - ams AG TSL235 Datasheet HTML 2Page - ams AG TSL235 Datasheet HTML 3Page - ams AG TSL235 Datasheet HTML 4Page - ams AG TSL235 Datasheet HTML 5Page - ams AG TSL235 Datasheet HTML 6Page - ams AG TSL235 Datasheet HTML 7Page - ams AG TSL235 Datasheet HTML 8Page - ams AG TSL235 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL235R
LIGHT-TO-FREQUENCY CONVERTER
TAOS038E −SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D Communicates Directly With a
Microcontroller
D Compact Three-Leaded Clear-Plastic
Package
D Single-Supply Operation Down to 2.7 V
D Nonlinearity Error Typically 0.2% at 100 kHz
D Stable 150 ppm/°C Temperature Coefficient
D Single-Supply Operation
D RoHS Compliant (−LF Package Only)
Description
The TSL235R light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. The device has been temperature compensated for the
ultraviolet-to-visible light range of 320 nm to 700 nm and responds over the light range of 320 nm to 1050 nm.
The TSL235R is characterized for operation over the temperature range of −25°C to 70°C and is supplied in
a 3-lead clear plastic side-looker package with an integral lens. When supplied in the lead (Pb) free package,
the device is RoHS compliant.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL235R −25°C to 70°C
3-lead Sidelooker
S
TSL235R
TSL235R −25°C to 70°C
3-lead Sidelooker—Lead (Pb) Free
S
TSL235R−LF
TSL235R −25°C to 70°C
3-lead Surface-Mount Sidelooker—Lead (Pb) Free
SM
TSL235RSM−LF
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
1
Power supply ground (substrate). All voltages are referenced to GND.
OUT
3
O
Output frequency.
VDD
2
Supply voltage.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com