Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4735 Datasheet(PDF) 2 Page - General Semiconductor

Part # SML4735
Description  SURFACE MOUNT GLASS PASSIVATED ZENER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SML4735 Datasheet(HTML) 2 Page - General Semiconductor

  SML4735 Datasheet HTML 1Page - General Semiconductor SML4735 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
0.5
10
100
500
1
10
100
1,000
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
0
20
40
60
80
100
0.01
0.1
1
10
0
1020
304050
6070
8090 100
0
10
30
50
70
90
110
RATINGS AND CHARACTERISTIC CURVES SML4735 THRU SML4763A
FIG. 1 - MAXIMUM CONTINUOUS
POWER DISSIPATION
TERMINALS TEMPERATURE, °C
FIG. 2 - TYPICAL ZENER IMPEDANCE
IZT, ZENER TEST CURRENT, mA
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS FOR SML4763
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
TJ=25°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TESTED at RATED IZT
P.C B. MOUNTED ON
0.31 x 0.31 x 0.08” (8 x 8 x 2mm)
COPPER AREAS PADS
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
TJ=100°C
PERCENT OF RATED ZENER VOLTAGE, %
VZ=56V
VZ=91V
VZ=30V
VZ=6.2V
VZ, ZENER VOLTAGE, VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com