Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0520WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B0520WS
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0520WS Datasheet(HTML) 1 Page - Diodes Incorporated

  B0520WS_14 Datasheet HTML 1Page - Diodes Incorporated B0520WS_14 Datasheet HTML 2Page - Diodes Incorporated B0520WS_14 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B0520WS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Guard Ring Die Construction for Transient Protection
High Conductance
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Mechanical Data
Case: SOD-323
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.004 grams (approximate)
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
RMS Reverse Voltage
VR(RMS)
14
V
Average Rectified Output Current
IO
0.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
235
mW
Typical Thermal Resistance Junction to Ambient (Note 1)
RθJA
426
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Test Conditions
Minimum Reverse Breakdown Voltage (Note 2)
V(BR)R
20
V
IR = 0.5mA
Maximum Forward Voltage Drop
VF
0.310
0.430
V
IF = 0.1A
IF = 0.5A
Maximum Leakage Current (Note 2)
IR
100
250
μA
VR = 10V
VR = 20V
Typical Total Capacitance
CT
58
pF
f = 1MHz, VR = 0VDC
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
B0520WS
Document number: DS30235 Rev. 12 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - B0520WS_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS_1 Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS_1 Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B0520WS DIODES-B0520WS_15 Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Jiangsu Changjiang Elec...
B0520WS JIANGSU-B0520WS_17 Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - B0520WS_14

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com