Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP300B Datasheet(PDF) 1 Page - General Semiconductor

Part # SRP300B
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SRP300B Datasheet(HTML) 1 Page - General Semiconductor

  SRP300B Datasheet HTML 1Page - General Semiconductor SRP300B Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRP300A THRU SRP300K
FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High surge current capability
♦ Construction utilizing void-free
molded plastic technique
♦ 3.0 Ampere operation at
TA=55°C with no thermal runaway
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AD molded plastic body
Terminals: Plated axial leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SRP
SRP
SRP
SRP
SRP
SRP
SYMBOLS
300A
300B
300D
300G
300J
300K
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
150.0
Amps
rated load (JEDEC Method) at TA=55°C
Maximum instantaneous forward voltage at 3.0A
VF
1.3
Volts
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
200
300
400
500
µA
Maximum reverse recovery time (NOTE 1)
trr
100
100
150
150
200
200
ns
Typical junction capacitance (NOTE 2)
CJ
28.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
22.0
°C/W
Operating junction temperature range
TJ
-50 to +125
°C
Storage temperature range
TSTG
-50 to +150
°C
NOTES:
(1) Reverse recovery test conditions:IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length with both leads equally heat sink
4/98
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
DO-201AD
Dimensions are in inches and (millimeters)


Similar Part No. - SRP300B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SRP300B VISHAY-SRP300B Datasheet
70Kb / 4P
General Purpose Plastic Rectifier
27-Oct-09
SRP300B VISHAY-SRP300B Datasheet
74Kb / 4P
General Purpose Fast Switching Plastic Rectifier
29-Jul-13
More results

Similar Description - SRP300B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com