Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR730-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR730-EVAL
Description  Evaluation Board for STR73xF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STR730-EVAL Datasheet HTML 1Page - STMicroelectronics STR730-EVAL Datasheet HTML 2Page - STMicroelectronics STR730-EVAL Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA BRIEF
Rev 1
September 2005
1/3
3
STR730-EVAL
Evaluation Board for STR73xF
The STR730 evaluation board (STR730-EVAL)
is a complete development platform for the
STR73xF series microcontrollers. It offers a cost
effective,
flexible
and
open
design
for
demonstrating the capabilities of the STR73xF
series of flash microcontrollers, allowing rapid
evaluation of the STR73xF devices and available
peripherals. The STR730-EVAL includes a high-
performance STR730F ARM7TDMITM device that
features a rich set of peripherals and serial
communication
interfaces,
including
CAN
(controller area network).
The STR730-EVAL board integrates a 2 x 16
LCD, LEDs, UART, CAN interfaces, piezo buzzer
and test buttons in a versatile stand-alone test
platform.
It includes a JTAG connector for interface with
your host PC and is supported by a full range of
STMicroelectronics,
ARM
and
third-party
development tool packages for the STR7 family of
microcontrollers.
Main Components
STR730F processor running at up to 36MHz
SPI EEPROM
I2C EEPROM
2 x 16 LCD display
Key Features
Support for the following interfaces:
CAN
RS232
LED displays
Piezo buzzer
Test buttons
JTAG connector
Analog channel
Order Codes
STR730-EVAL/WS
Evaluation
board
with
socket-mounted STR730FZ2T7 microcontroller.
For more information...
The following related documents are available for
free download at
www.st.com/mcu:
STR730-EVAL Datasheet – Configuration and
use of your evaluation board including board
schematics.
STR730xF Datasheet – Complete information
about the features of your target STR73xF
microcontroller.
STR730xF
Demonstration
Software
User
Manual – Information about the demonstration
software that runs on the STR73x-EVAL for
evaluation of the STR73xF and its on-board
peripherals.
STR7 Tools Brochure – An overview of the
range of software and hardware development
tools for your STR73xF.
Figure 1.
Evaluation Board for STR730xF
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STR730-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR730-SK STMICROELECTRONICS-STR730-SK Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
STR730-SK/IAR STMICROELECTRONICS-STR730-SK/IAR Datasheet
86Kb / 5P
IAR??starter kits for ST ARM core-based microcontrollers
18-Jun-2009
STR730-SKIAR STMICROELECTRONICS-STR730-SKIAR Datasheet
187Kb / 4P
IAR?셲 complete, low cost starter kits for STR7 and STR9
04-Oct-2006
More results

Similar Description - STR730-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com