Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2467 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # AN2467
Description  Dual 24 V, 6.0 mOhm High Side Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN2467 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  AN2467 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN2467 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. All other product or service names
are the property of their respective owners. © 2012 Freescale Semiconductor, Inc.
Document Number: MC06XS4200FS REV 3.0
For more information, visit freescale.com
Freescale: A Leader in Automotive Solutions
Expanding on its more than 30-year heritage of automotive innovation and it’s high-
performance products, Freescale’s solutions are designed with the right combination
of high-performance capability, processing capacity and customizable software to
help deliver smart, differentiated automotive solutions. With Analog, Mixed Signal, and
Power parts, our vision is to offer a diverse and differentiated product portfolio to meet
the expanding needs of the automotive, consumer and industrial segments. Freescale
solutions offer ideal blends of functionality and intelligence designed to help our
customers differentiate and win in highly competitive markets.
98ASA00428D
23 PIN PQFN (12 X12 mm)
Development Tools
Part Number
Description
KIT06XS4200EVBE
Evaluation Board - Contact Freescale Sales
Orderable Part Numbers
Part Number
Temp Range
(Ambient)
Package
MC06XS4200FK
-40 to +125 °C
23 PQFN
Note: Add R2 Suffix for Tape and Reel
Documentation
Document Number Title
Description
MC06XS4200
Dual 24 V, 6 mΩ High Side Switch
Data Sheet
SG1002
Analog, Mixed Signal and Power Management
Selector Guide
SG187
Automotive
Selector Guide
AN2467
Power Quad Flat No-Lead (PQFN) Package Application
Note
Application Note
AN4473
Compact Thermal Model Application Note
Application Note
AN4474
EMC and Fast Transient Pulses Performances
Application Note
Application Note
AN4516
IBIS Model Application Note
Application Note



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com