Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RC24 Datasheet(PDF) 6 Page - Intel Corporation

Part # P87C51RC24
Description  8XC51RA/RB/RC CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C51RC24 Datasheet(HTML) 6 Page - Intel Corporation

Back Button P87C51RC24 Datasheet HTML 2Page - Intel Corporation P87C51RC24 Datasheet HTML 3Page - Intel Corporation P87C51RC24 Datasheet HTML 4Page - Intel Corporation P87C51RC24 Datasheet HTML 5Page - Intel Corporation P87C51RC24 Datasheet HTML 6Page - Intel Corporation P87C51RC24 Datasheet HTML 7Page - Intel Corporation P87C51RC24 Datasheet HTML 8Page - Intel Corporation P87C51RC24 Datasheet HTML 9Page - Intel Corporation P87C51RC24 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
8XC51RARBRC
Table 2 Status of the External Pins during Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
Mode will be exited if the chip is reset or if an en-
abled interrupt occurs
POWER DOWN MODE
To save even more power a Power Down mode can
be invoked by software In this mode the oscillator
is stopped and the instruction that invoked Power
Down is the last instruction executed The on-chip
RAM and Special Function Registers retain their val-
ues until the Power Down mode is terminated
On the 8XC51RX either a hardware reset or an ex-
ternal interrupt can cause an exit from Power Down
Reset redefines all the SFRs but does not change
the on-chip RAM An external interrupt allows both
the SFRs and on-chip RAM to retain their values
To properly terminate Power Down the reset or ex-
ternal interrupt should not be executed before VCC is
restored to its normal operating level and must be
held active long enough for the oscillator to restart
and stabilize (normally less than 10 ms)
With an external interrupt INT0 and INT1 must be
enabled and configured as level-sensitive Holding
the pin low restarts the oscillator but bringing the pin
back high completes the exit Once the interrupt is
serviced the next instruction to be executed after
RETI will be the one following the instruction that put
the device into Power Down
DEDICATED HARDWARE WATCHDOG
TIMER (One-Time Enabled with
Reset-Out)
The 8XC51RX contains a dedicated WatchDog Tim-
er (WDT) to allow recovery from software or hard-
ware upset WDT is disabled upon power-up To en-
able the WDT user must write 1EH and E1H in se-
quence to WDTRST Special Function Register
Once the WDT is enabled the 14-bit counter will
increment every machine cycle While the oscillator
is running the WDT will be incrementing and cannot
be disabled The counter is reset by writing 1EH and
E1H in sequence to the WDTRST If the counter is
not reset before it reaches 3FFFH (16383D) the
chip will be forced into reset sequence and the WDT
will be disabled as upon power-up During this reset
the chip will drive an output Reset-High pulse for the
duration of 96 x TOSC at the RST pin The duration
of the Reset-High pulse works out to 600 ms
16 MHz
While in the Idle mode the WDT continues to count
If the user does not wish to exit the Idle mode with a
reset then the processor must periodically ‘‘woken
up’’ to service the WDT In Power Down mode the
WDT stops counting and holds its current value
DESIGN CONSIDERATION
 The window on the D87C51RX must be covered
by an opaque label Otherwise the DC and AC
characteristics may not be met and the device
may be functionally impaired
 When the idle mode is terminated by a hardware
reset the device normally resumes program exe-
cution from where it left off up to two machine
cycles before the internal reset algorithm takes
control On-chip hardware inhibits access to inter-
nal RAM in this event but access to the port pins
is not inhibited To eliminate the possibility of an
unexpected write when Idle is terminated by re-
set the instruction following the one that invokes
Idle should not be one that writes to a port pin or
to external memory
NOTE
For more detailed information on the reduced power modes refer to current Embedded Microcontrollers and Processors
Handbook Volume I (Order No 270645) and Application Note AP-252 (Embedded Applications Handbook Order No
270648) ‘‘Designing with the 80C51BH’’
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com