Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 5 Page - Exar Corporation

  SP485 Datasheet HTML 1Page - Exar Corporation SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_SP485_00_0740
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP483 DRIVER
AC Characteristics
Maximum Date Rate
250
kbps
Driver Input to Output, t
PLH
250
800
2000
ns
t
PLH; RDIFF = 54Ω, CL = CL2 = 00pF,
see figures 3 and 5
Driver Input to Output, t
PHL
250
800
2000
ns
t
PHL; RDIFF = 54Ω, CL = CL2 = 00pF,
see figures 3 and 5
Driver Skew
00
800
ns
see figures 3 and 5,
t
SKEW = |tDPHL - tDPLH|
Driver Rise or Fall Time
250
2000
ns
From 0%-90%; R
DIFF = 54Ω
C
L = CL2 = 00pF; see Figures 3
and 5
Driver Enable to Output High
250
2000
ns
C
L = 100pF, see figures 4 and 6,
S
2 closed
Driver Enable to Output Low
250
2000
ns
C
L = 100pF, see figures 4 and 6,
S
 closed
Driver Disable Time from High
300
3000
ns
C
L = 15pF, see figures 4 and 6,
S
2 closed
Driver Disable Time from Low
300
3000
ns
C
L = 15pF, see figures 4 and 6,
S
 closed
SP483 RECEIVER
AC Characteristics
Maximum Data Rate
250
kbps
Receiver Input to Output
250
2000
ns
t
PLH, tPHL; Figures 3 and 7:
R
DIFF = 54Ω, CL = CL2 = 00pF
Differential Receiver Skew
|t
PHL - tPLH|
00
ns
R
DIFF = 54Ω, CL = CL2 = 00pF,
see Figures 3 and 7
Receiver Enable to Output Low
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Enable to Output High
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
Receiver Disable from LOW
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Disable from High
20
50
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
SP483
Shutdown Timing
Time to Shutdown
50
200
600
ns
RE = 5V, DE = 0V
Driver Enable from Shutdown
to Output High
2000
ns
C
L = 00pF; See Figures 4 and 6;
S
2 Closed
Driver Enable from Shutdown
to Output Low
2000
ns
C
L = 00pF; See Figures 4 and 6;
S
 Closed
Receiver Enable from
Shutdown to Output High
2500
ns
C
L = 5pF; See Figures 4 and 6;
S
2 Closed
Receiver Enable from
Shutdown to Output Low
2500
ns
C
L = 5pF; See Figures 4 and 6;
S
 Closed
T
MIN to TMAX and VCC = 5V +/-5% unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com