Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6121 Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP6121
Description  Low Voltage, Synchronous Step Down PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6121 Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP6121 Datasheet HTML 18Page - Sipex Corporation SP6121 Datasheet HTML 19Page - Sipex Corporation SP6121 Datasheet HTML 20Page - Sipex Corporation SP6121 Datasheet HTML 21Page - Sipex Corporation SP6121 Datasheet HTML 22Page - Sipex Corporation SP6121 Datasheet HTML 23Page - Sipex Corporation SP6121 Datasheet HTML 24Page - Sipex Corporation SP6121 Datasheet HTML 25Page - Sipex Corporation SP6121 Datasheet HTML 26Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Nov 28 06 AppNote: SP6121 as a Synchronous Buck-Boost LED Driver
© 2006 Sipex Corporation
Page 2
and S2 open (On Time). Phase 2 is S1 open and S2 closed (Off Time). The Duty
Cycle will be TON/TOFF. C1 is an energy transfer capacitor and is used to provide
a positive voltage on V2 so the buck cell can regulate the appropriate VOUT.
During On Time,
I1 current is stored into L1 and also provided to L2 through C1.
During Off Time, V2 equals GND and any remaining current in L2 still delivers to
the load. At the same time, the voltage across C1 is equal to V1 and so becomes
negative as current is still flowing across L1. VC1 = (V2-V1) and is positive.
During the following on-time, this VC1 is added on top of VIN and so generates a
positive voltage V2 to the buck cell (V2 = Vin + VC1).
Figure 1
The Duty Cycle of this converter will be :
VOUT / VIN = D / (1-D)
Or
D =
_______1_______
[ ( VIN/VOUT) + 1]
So typically, if VIN equals VOUT the Duty Cycle will be 50%.
Design Considerations
Our need here is to power a Luxeon K2 at 1.5A from a one cell Li
Ion battery
pack. The K2 is an ultra-bright LED that has a VF from 3.6 to 4.3V depending on
IF and temperature. The battery will have a voltage from 3.4V to 4.2V. Also
depending on charge level, battery output impedance can vary and so induce a
loss depending on output current. Due to these conditions, a step up/step down
topology is definitely required to get a constant current into the LED regardless of
V1
V2
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com