Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08060 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08060
Description  8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08060 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments ADC08060 Datasheet HTML 15Page - Texas Instruments ADC08060 Datasheet HTML 16Page - Texas Instruments ADC08060 Datasheet HTML 17Page - Texas Instruments ADC08060 Datasheet HTML 18Page - Texas Instruments ADC08060 Datasheet HTML 19Page - Texas Instruments ADC08060 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
8 11
AGND
ADC08060
D7
13
D6
14
D5
15
D0
22
D1
21
D2
20
D3
19
D4
16
6
3
+3
V
110
5
17
DR GND
10
V R
T
VIN
10 PF
+
220
2
V
RB
24
CLK
0.1 PF
9
23
PD
0.1 PF
10 PF
+
1
4
18
0.1 PF
10 PF
DR
V D
V
A
Choke
0.1 PF
10 PF
+
12
+3
V
1
%
1
%
0.1 PF
1.5V
,
nomina
l
7
VIN GND
ADC08060
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
REFERENCE INPUTS
The reference inputs VRT and VRB are the top and bottom of the reference ladder, respectively. Input signals
between these two voltages will be digitized to 8 bits. External voltages applied to the reference input pins should
be within the range specified in the Operating Ratings (1.0V to (VA + 0.1V) for VRT and 0V to (VRT − 1.0V) for
VRB). Any device used to drive the reference pins should be able to source sufficient current into the VRT pin and
sink sufficient current from the VRB pin.
The reference bias circuit of Figure 30 is very simple and the performance is adequate for many applications.
However, circuit tolerances will lead to a wide reference voltage range. Superior performance can generally be
achieved by driving the reference pins with a low impedance source.
The circuit of Figure 31 will allow a more accurate setting of the reference voltages. The upper amplifier must be
able to source the reference current as determined by the value of the reference resistor and the value of (VRT -
VRB). The lower amplifier must be able to sink this reference current. Both should be stable with a capacitive
load. The LM8272 was chosen because of its rail-to-rail input and output capability, its high current output and its
ability to drive large capacitance loads. Of course, the divider resistors at the amplifier input could be changed to
suit your reference voltage needs, or the divider can be replaced with potentiometers or DACs for precise
settings. The bottom of the ladder (VRB) may simply be returned to ground if the minimum input signal excursion
is 0V. Be sure that the driving sources can source sufficient current into the VRT pin and sink enough current from
the VRB pin to keep these pins stable.
VRT should always be more positive than VRB at least by the minimum VRT - VRB difference in Electrical
Characteristics to minimize noise. Furthermore, the difference between VRT and VRB should not exceed the
maximum value specified in Electrical Characteristics to avoid signal distortion.
VRM (pin 9) is the center of the reference ladder and should be bypassed to a clean, quiet point in the analog
ground plane with a 0.1 µF capacitor. DO NOT allow this pin to float.
Because of the ladder and external resistor tolerances, the reference voltage can vary too much for some
applications.
Figure 30. Simple, low component count reference biasing.
16
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com