Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPY30 Datasheet(PDF) 1 Page - General Semiconductor

Part # ZPY30
Description  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ZPY30 Datasheet(HTML) 1 Page - General Semiconductor

  ZPY30 Datasheet HTML 1Page - General Semiconductor ZPY30 Datasheet HTML 2Page - General Semiconductor ZPY30 Datasheet HTML 3Page - General Semiconductor ZPY30 Datasheet HTML 4Page - General Semiconductor ZPY30 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZPY1 THRU ZPY100
ZENER DIODES
FEATURES
♦ Silicon Planar Power Zener Diodes
♦ For use in stabilizing and clipping circuits with
high power rating
♦ The Zener voltages are graded according to the
international E12 standard. Smaller voltage tolerances
and other Zener voltages are available upon request.
♦ These diode are also available in the MELF case with type
designation ZMY1 … ZMY100.
MECHANICAL DATA
Case: DO-41 Glass Case
Weight: approx. 0.35 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
max. ∅
Cathode
0.034 (0.86)
Mark
max. ∅ 0.102 (2.6)
DO-41 Glass
Dimensions are in inches and (millimeters)
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
RthJA
1301)
°C/W
Junction to Ambient Air
NOTES:
(1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
12/16/98
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 25°C
Ptot
1.31)
Watts
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 55 to +175
°C


Similar Part No. - ZPY30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY30 DIODES-ZPY30 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Vishay Siliconix
ZPY30 VISHAY-ZPY30 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY30 DIOTEC-ZPY30 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY30 EIC-ZPY30 Datasheet
35Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZPY30 DIOTEC-ZPY30 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
More results

Similar Description - ZPY30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com