Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1021 Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # L1021
Description  Focused Lens-End Lamps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

L1021 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  L1021 Datasheet HTML 1Page - Gilway Technical Lamp L1021 Datasheet HTML 2Page - Gilway Technical Lamp L1021 Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Focused Lens-End Lamps
Color Temp.
Vacuum
Line
Part
Degrees
Life
Or
Filament
Base
No.
No.
Volts
Amps
Lux*
Kelvin
Hours
Gas
Type
Type
Drawing
3
L8006
5.0
0.770
26 lumens
2,420
10,000
G
C-6
½-20 UNF-2A
B
4
L8035
5.0
0.770
7,000
2,420
10,000
G
C-6
½-20 UNF-2A
C
5
L8008
5.0
0.750
8,000
2,490
10,000
G
C-6
½-20 UNF-2A
B
6
L8050
5.0
0.810
3,000
2,140
20,000
V
C-6
½-20 UNF-2A
C
7
L8017
6.0
1.600
38,000
2,900
150
G
C-6
½-20 UNF-2A
B
* Lux at 50mm. Light Distribution page 7, Figure 2.
BC
5.6
0.8
0.8
11
+/-0.1
2.8
33+/-1.5
26+/-1.5
12.7+/-0.1
1.2
22 to 28
19 to 23
14.5
0.6
0.6
11
+/-0.1
3.2
35+/-1.5
26+/-1.5
12.7+/-0.1
1.2
14.5
1.7
5.9+/-0.3
A
Midget Grooved Base Lens-End Lamps
Color Temp.
Vacuum
Line
Part
Degrees
Life
Or
Filament
No.
No.
Volts
Amps
Lux*
Kelvin
Hours
Gas
Type
Drawing
1
L4044
2.5
0.350
1,600
2,250
10,000
V
C-6
A
2
L4076
5.0
0.240
-
2,450
10,000
V
C-2R
A
* Lux at 50mm
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com