Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F600 Datasheet HTML 1Page - List of Unclassifed Manufacturers F600 Datasheet HTML 2Page - List of Unclassifed Manufacturers F600 Datasheet HTML 3Page - List of Unclassifed Manufacturers F600 Datasheet HTML 4Page - List of Unclassifed Manufacturers F600 Datasheet HTML 5Page - List of Unclassifed Manufacturers F600 Datasheet HTML 6Page - List of Unclassifed Manufacturers F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
COIL CHARACTERISTICS (Vdc)
F600
CODE
B
A
N
E
V
Nominal operating voltage
12
28
28
48
110
Maximum operating voltage at +125° C
14
29
29
50
125
Maximum pickup voltage at +125° C
10
19.8
19.8
34.1
75
Guaranteed drop-out voltage at -65° C
0.5
1.5
1.5
2
5
Coil resistance in
Ω ±10% at +25° C
40
210
210
620
3200
Exported spikes (Vdc)
N/A
N/A
-42
N/A
N/A
GENERAL CHARACTERISTICS
Temperature range
-65°C to +125°C
Dielectric strength at sea level
- Contacts to ground and between contacts
1250 Vrms / 50 Hz
- Coil to ground
1000 Vrms / 50 Hz
Dielectric strength at altitude 25,000 m (all points)
350 Vrms / 50 Hz
Initial insulation resistance at 500 Vdc
100 M
Ω min
Sinusoidal vibration
30 G / 75 to 3000 Hz
Shock
50 G / 6 ms
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage
15 ms max
Release time
10 ms max
Bounce time
1 ms max
Contact voltage drop at nominal current
- initial value
150 mV max
- after life
175 mV max
Date of issue: 01/07
- 106 -
Page 2 of 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com