Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS18UPA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QS18UPA
Description  WORLD-BEAM QS18U Ultrasonic Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18UPA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QS18UPA Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18UPA Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Specifications
Supply Voltage
12 - 30V dc (10% maximum ripple); 25 mA max (exclu-
sive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltag-
es
Output Configuration
SPST solid-state switch conducts when target is
sensed within sensing window; one NPN (current sink-
ing) or one PNP (current sourcing), depending on mod-
el.
Rating: 100 mA maximum load; see Application Note 1
Off-state leakage current: less than 10 µA (sourcing);
less than 200 µA (sinking); see Application Note 2
ON-state saturation voltage: NPN: less than 1.6V @
100 mA; PNP: less than 3.0V @ 100 mA
Output Response
NOTE: 300 ms delay on power-up; output does not
conduct during this time
15 milliseconds
Repeatability
0.7 mm
Indicators
Range Indicator (Red/Green) and Teach/Output In-
dicator (Yellow/Red)
Range Indicator: Green - Target is within sensing
range; Red - Target is outside sensing range; OFF -
Sensing Power is OFF
Teach/Output Indicator: Yellow - Target is within
taught limits; OFF - Target is outside taught window
limits; Red - Sensor is in TEACH mode
Adjustments
Sensing Window Limits: TEACH-mode programming of
near and far window limits may be set using the push
button or remotely via TEACH input
Construction
ABS housing, TPE Push Button, ABS Push Button
housing, Polycarbonate lightpipes, leakproof design
Connections
2 m (6.5 ft) or 9 m (30 ft) 4-conductor PVC jacketed at-
tached cable, or 4-pin Euro-style integral QD (Q8), or
4-pin Pico-style integral QD (Q7), or 4-pin Euro-style
150 mm (6 in) pigtail QD (Q5), or 4-pin Pico-style 150
mm (6 in) pigtail QD (Q)
Operating Conditions
Relative Humidity: 100% @ 55° C (non-condensing)
Temperature: − 20° to + 60° C (− 4° to + 140° F)
Application Notes
If supply voltage is > 24V dc, derate maximum output
current 5 mA/°C above 50°C.
NPN off-state leakage current is < 200 µA for load re-
sistances > 3 kΩ or optically isolated loads. For load
current of 100 mA, leakage is < 1% of load current.
Objects passing inside the specified near limit may pro-
duce a false response.
Certifications
Sensor Response Curves
QS18U Effective Beam Pattern (Typical)
QS18U Maximum Target Rotation Angle
-20
-10
-30
-40
10
20
0
30
40
50
-50
0
200
100
300
400
500
Sensing Distance (mm)
2.5 mm rod
8 mm rod
50 mm x 50 mm plate
Sensing Distance (mm)
-5°
-10°
-15°
5°
0
10°
15°
0
100
200
300
400
500
Dimensions
WORLD-BEAM QS18U Ultrasonic Sensors
P/N 119287 Rev. F
www.bannerengineering.com - tel: 763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com