Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD402SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD402SD
Description  The GD402SD is high frequency rectification for switching power supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD402SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD402SD Datasheet HTML 1Page - E-Tech Electronics LTD GD402SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GD402SD
Page: 1/2
ISSUED DATE :2005/12/20
REVISED DATE :2006/05/24B
G
G D
D 440022S
S D
D
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S C
C H
H O
O T
T T
T K
K Y
Y B
B A
A R
R R
R II E
E R
R D
D II O
O D
D E
E
V
V O
O L
L T
T A
A G
G E
E 33 00 V
V ,, C
C U
U R
R R
R E
E N
N T
T 00 .. 33 A
A
Description
The GD402SD is high frequency rectification for switching power supply.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-55 ~ +125
:
Maximum Recurrent Peak Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
21
V
Maximum DC Blocking Voltage
VDC
30
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
3.0
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
40
pF
Maximum Average Forward Rectified Current
Io
0.3
A
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
IR=100 A
Maximum Instantaneous Forward Voltage
VF
-
-
500
mV
IF=300mA
-
-
50
A
VR1=10V
Maximum Average Reverse Current
IR
-
-
100
A
VR2=30V
Notes: 1. Measured at 1.0 MHz and 0 reverse bias voltage.
2. ESD sensitive product handling required.


Similar Part No. - GD402SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD402SD GTM-GD402SD Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GD402SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G400SD ETL-G400SD Datasheet
189Kb / 2P
The G400SD is high frequency rectification for switching power supply
G401SD ETL-G401SD Datasheet
203Kb / 2P
The G401SD is high frequency rectification for switching power supply
G402SD ETL-G402SD Datasheet
203Kb / 2P
The G402SD is high frequency rectification for switching power supply
G411SD ETL-G411SD Datasheet
210Kb / 2P
The G411SD is designed for low power rectification
G490SD ETL-G490SD Datasheet
211Kb / 2P
The G490SD is low power rectification for switching power supply
G491SD ETL-G491SD Datasheet
233Kb / 2P
The G491SD is low power rectification for switching power supply.
GD400SD ETL-GD400SD Datasheet
151Kb / 2P
The GD400SD is high frequency rectification for switching power supply
GD411SD ETL-GD411SD Datasheet
131Kb / 2P
The GD411SD is designed for low power rectification
GD491SD ETL-GD491SD Datasheet
181Kb / 2P
The GD491SD is low power rectification for switching power supply.
GS402SD ETL-GS402SD Datasheet
168Kb / 2P
The GS402SD is high frequency rectification for switching power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com