Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD511 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GD511
Description  The GD511 is designed for ultra high speed switching application, low forward voltage and fast reverse recovery time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GD511 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GD511 Datasheet HTML 1Page - E-Tech Electronics LTD GD511 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/11/30
REVISED DATE :
G
G D
D 551111
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 8 5 V, C U R R E N T 0 . 1 A
Description
The GD511 is designed for ultra high speed switching application, low forward voltage and fast reverse recovery time.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.05
A1
0
0.10
L
0.20
0.40
A2
0.80
1.00
b
0.25
0.40
D
1.15
1.45
c
0.10
0.18
E
1.60
1.80
HE
2.30
2.70
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Maximum Peak Reverse Voltage
VRM
85
V
Maximum Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Surge Current(10ms)
IFSM
2
A
Total Power Dissipation
PD
150
mW
Electrical Characteristics at Ta = 25 ::::
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VF(1)
-
0.6
-
V
IF=1mA
VF(2)
-
0.7
-
V
IF=10mA
Forward Voltage
VF(3)
-
0.9
1.2
V
IF=100mA
Reverse Current
IR
-
-
0.5
A
VR=80V
Total Capacitance
CT
-
2.2
4.0
pF
VR=0, f=1MHz
Reverse Recovery Time
Trr
-
1.6
4.0
nS
IF=10mA


Similar Part No. - GD511

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
More results

Similar Description - GD511

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAV151 ETL-GBAV151 Datasheet
312Kb / 2P
The GBAV151 is designed for ultra high speed switching application
GBAV152 ETL-GBAV152 Datasheet
313Kb / 2P
The GBAV152 is designed for ultra high speed switching application
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
The GD1SS356 is designed for high frequency switching application.
GD751SD ETL-GD751SD Datasheet
138Kb / 2P
The GD751SD is designed for high speed switching for detection and high reliability.
GDMBD2004 ETL-GDMBD2004 Datasheet
225Kb / 2P
The GDMBD2004 is designed for ultra high speed switching
GMBTA44 ETL-GMBTA44 Datasheet
176Kb / 2P
The GMBTA44 is designed for application requires high voltage.
GMBTA94 ETL-GMBTA94 Datasheet
185Kb / 2P
The GMBTA94 is designed for application requires high voltage.
GP202K ETL-GP202K Datasheet
173Kb / 2P
The GP202K is designed for ultra high speed switching.
logo
STMicroelectronics
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
logo
SHIKUES Electronics
BAT42W SKTECHNOLGY-BAT42W Datasheet
1Mb / 2P
Low Forward Voltage Drop, Fast Switching Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com