Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1112 Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1112 Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1112 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
5 - 19
AS1112
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
7 Electrical Characteristics
VCC = +3.0 to +5.5V, Typical values are at TAMB = 25°C, VCC = 5V (unless otherwise specified). All limits are guaranteed. The parameters with
min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 6. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TJ
Operating Junction Temperature
-40
+125
°C
VOH
High-Level Output Voltage
IOH = -1mA, SDO
VCC -0.5
V
VOL
Low-Level Output Voltage
IOL = 1mA, SDO, XERR
0.5
V
I
Input Current
VIN = VCC or GND; Pins OEN, TEST,
GSCLK, CLK, SDI, LD
-1
1
A
VIN = VCC; pin MODE, PD
100
VIN = GND; pin MODE, PD
-1
1
ICC
Supply Current
All outputs off, RIREF = 10k
Ω
1.2
3
mA
All outputs off, RIREF = 1.3k
Ω
4
10
All outputs on, RIREF = 1.3k
Ω
15
20
All outputs on, RIREF = 640
Ω
30
40
IPD
Power Down Current
only AS1112
40
nA
ICOC
Constant Output Current
All outputs on, VOUT = 2V,
RIREF = 640
Ω
54
61
69
mA
ILEAK
Leakage Output Current
All outputs off, VOUT = 15V,
RIREF = 640
Ω, OUT0:OUT15
20
nA
∆ICOC
Constant Current Error
VOUT = 2V, RIREF = 640
Ω, OUT0:OUT15
±3
±4.5
%
VOUT = 2V, RIREF = 480
Ω, OUT0:OUT15
±3
±4.5
Device to device, average current from
OUT0:OUT15, RIREF = 1920
Ω (20 mA),
VCC = 5.5V, VOUT = 2V
±3
±4.5
Device to device, average current from
OUT0:OUT15, RIREF = 480
Ω (80 mA),
VCC = 5.5V, VOUT = 2V
±3
±4.5
∆ILNR
Line Regulation
VOUT = 2V, RIREF = 640
Ω OUT0:OUT15
±1
±2.5
%/V
VOUT = 2V, RIREF = 480
Ω OUT0:OUT15
±1
±2.5
∆ILDR
Load Regulation
VOUT = 2 to 4V, RIREF = 640
Ω,
OUT0:OUT15
±0.1
±0.5
%/V
VOUT = 2 to 4V, RIREF = 480
Ω,
OUT0:OUT15
±0.1
±0.5
TTEF
Thermal Error Flag Threshold
Junction temperature
1
1. Specified by design. Not tested.
150
ºC
TTWF
Thermal Warn Flag Threshold
Junction temperature
1
125
ºC
VLSD
LED Short Detection Threshold
VCC = 5V
2.8
V
VCC = 3V
1.7
V
VLOD
LED Open Detection Threshold
0.3
0.4
V
VIREF
Reference Voltage Output
RIREF = 640
Ω
1.20
1.24
1.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com