Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3685A Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS3685A Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS3685A Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS3685A Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
12 - 24
7.2.2 AS3685B Current Setting
The current through the LED (ILED) can be set in several steps using the following waveforms:
Figure 16 – AS3685B Current Setting Method A
For method A, the current is started after a certain time after the first rising edge of EN1. The AS3685B chooses
method A, if EN1 is high at the first rising edge of EN2.
Figure 17 – AS3685B Current Setting Method B
For method B, the current is started after the second rising edge of EN2. The AS3685B chooses method B, if
EN1 is low at the first rising edge of EN2.
Any high or low level duration for EN1 or EN2 should not be shorter than tPULSEWIDTH.
The actual number of pulses on the pin EN1 (applies for methods A and B) define the mode and the current
settings for the AS3685B:
Table
9 – AS3685B Current Settings
H-L-H Pulses on EN1
Mode
ILED
(for RISET = 14.2kΩ)
ILED
(for RISET = 10kΩ)
ILED/IISET
EN1=EN2=0
Off
0mA
0%
0
(Off)
0
1
Indicator
4.7mA average
(=150mA with
1/32 duty cycle
1) )
6.7mA
(=214mA with
1/32 duty cycle
1))
52.2
(=ITORCH2ISET/32)
2
41mA
60mA
448
3
85mA
120mA
929
4
129mA
180mA
1410
5
Torch
173mA
250mA
1891
6
Flash
217mA
310mA
2371
EN2
EN1
Set current with
number of pulses
off
off
Flash/Strobe/Indicatior function
dependent on number of pulses
ILED
t
typ. 64µs
Current can be increased
if required
Define
Method A
min.
tPULSEWIDTH
EN2
EN1
Set current with
number of pulses
off
off
Flash/Strobe/Indicatior function
dependent on number of pulses
ILED
t
typ. 64µs
Current can be
increased if required
no time limit
Define
Method B
min tPULSEWIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com