Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS37717 Datasheet(PDF) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TCS37717
Description  Color Light-To-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS37717 Datasheet(HTML) 38 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TCS37717 Datasheet HTML 34Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 37Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 38Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 39Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 40Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS37717 Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Page 38
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Aug-06
TCS3771 − Application Information
VBUS in the above figures refers to the I
2C bus voltage which is
either VDD or 1.8V. Be sure to apply the specified I
2C bus voltage
shown in the Available Options table for the specific device
being used.
The I2C signals and the Interrupt are open-drain outputs and
require pull−up resistors. The pull-up resistor (RP) value is a
function of the I2C bus speed, the I2C bus voltage, and the
capacitive load. The ams EVM running at 400kbps, uses 1.5kΩ
resistors. A 10kΩ pull-up resistor (RPI) can be used for the
interrupt line.
PCB Pad Layout
Suggested PCB pad layout guidelines for the Dual Flat
No-Lead (FN) surface mount package are shown in Figure 46.
Figure 46:
Suggested FN Package PCB Layout
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters.
2. This drawing is subject to change without notice.
3. Pads can be extended further if hand soldering is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com