Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD26721 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD26721
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD26721 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD26721 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26721 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Digital Proximity Detector, LED Driver, and
IR LED in a Single Optical Module
D Register Set- and Pin-Compatible with the
TMD2671 Series
D Proximity Detection
− Reduced Proximity Count Variation
*
− Programmable Offset Control Register
*
− Saturation Indicator
*
− Programmable Integration Time and Offset
− Current Sink Driver for IR LED
− 16,000:1 Dynamic Range
D Maskable Proximity Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
*
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D 3.94 mm y 2.36 mm y 1.35 mm Package
* New or improved feature
Applications
D Mobile Handset Touchscreen Control and
Automatic Speakerphone Enable
D Mechanical Switch Replacement
D Paper Alignment
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops and
HDTVs
D White Goods
D Toys
D Digital Signage
D Printing
Description
The TMD2672 family of devices provides a complete proximity detection system and digital interface logic in
a single 8-pin surface mount module. The devices are register-set and pin-compatible with the TMD2671 series
and includes new and improved proximity detection features. The proximity detection includes improved
signal-to-noise and accuracy. A proximity offset register allows compensation for optical system crosstalk
between the IR LED and the sensor. To prevent false proximity data measurement readings, a proximity
saturation indicator bit signals that the internal analog circuitry has reached saturation. Interrupts have been
enhanced with the addition of a sleep-on-interrupt feature that also allows for a single cycle operation. The
device internal state machine provides the ability to put the device in a low-power mode in between proximity
measurements, providing very low average power consumption.
The proximity detection system includes an LED driver and an IR LED, which are factory trimmed to eliminate
the need for end-equipment calibration due to component variations.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE
MODULE−8
(TOP VIEW)
VDD 1
SCL 2
GND 3
LEDA 4
8 SDA
7 INT
6 LDR
5 LEDK
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com