Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD27721 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Ambient Light Sensing, Proximity
Detection, and IR LED in a Single Module
D Register Set- and Pin-Compatible with the
TMD2771 Series
D Ambient Light Sensing (ALS)
− Approximates Human Eye Response
− Programmable Analog Gain and
Integration Time
− 8,000,000:1 Dynamic Range
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
D Proximity Detection
− Reduced Proximity Count Variation
*
− Programmable Offset
*
− Saturation Indicator
*
− Current Sink Driver for IR LED
− 16,000:1 Dynamic Range
D Maskable ALS and Proximity Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D 3.94 mm y 2.36 mm y 1.35 mm Package
* New or improved feature
Applications
D Display Backlight Control
D Cell Phone Touch Screen Disable
D Mechanical Switch Replacement
D Industrial Process Control
D Medical Diagnostics
D Printer Paper Alignment
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops, HDTVs,
Monitors, and PMP (Portable Media
Players)
D Medical and Industrial Instrumentation
D White Goods
D Toys
D Industrial/Commercial Lighting
D Digital Signage
D Printers
Description
The TMD2772 family of devices provides digital ambient light sensing (ALS), a complete proximity detection
system, and digital interface logic in a single 8-pin surface mount module. The devices are register-set and
pin-compatible with the TMD2771 family of devices and include new and improved ALS and proximity detection
features. The ALS enhancements include a reduced-gain mode that extends the operating range in sunlight.
Proximity detection includes improved signal-to-noise performance and more accurate factory calibration. A
proximity offset register allows compensation for optical system crosstalk between the IR LED and the sensor.
To prevent false proximity data measurement readings, a proximity saturation indicator bit signals that the
internal analog circuitry has reached saturation.
The TMD2772 ALS is based on the TAOS patented dual-diode technology that enables accurate results and
approximates human eye response to light intensity under a variety of lighting conditions. The proximity
detection system includes an LED driver and an IR LED, which are factory trimmed to eliminate the need for
end-equipment calibration due to component variations.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE
MODULE−8
(TOP VIEW)
VDD 1
SCL 2
GND 3
LEDA 4
8 SDA
7 INT
6 LDR
5 LEDK
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com