Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR083V3U Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR083V3U
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR083V3U Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR083V3U Datasheet HTML 1Page - Comchip Technology CPDVR083V3U Datasheet HTML 2Page - Comchip Technology CPDVR083V3U Datasheet HTML 3Page - Comchip Technology CPDVR083V3U Datasheet HTML 4Page - Comchip Technology CPDVR083V3U Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
Comchip Technology CO., LTD.
CPDVR083V3U
RoHS Device
Features
-IEC61000-4-2 (ESD)
kV(Contact),±20kV(Air).
-Working voltage: 3.3V
-Low leakage current.
-Low operating and clamping voltages.
Mechanical data
-Case: SOT-383F standard package,molded plastic.
-Terminals: Nipd, solderable per
MIL-STD-750,method 2026.
-Mounting position: Any
Circuit Diagram
Package
±15
1
2
3
4
SOT-383F(VR8)
0.086(2.20)
0.079(2.00)
0.067(1.70)
0.059(1.50)
0.024(0.60)
0.018(0.45)
0.012(0.30) Typ.
8
7
6
5
GND
0.059(1.50)Typ.
0.008(0.20) Typ.
5
6
7
8
4
3
2
1
GND
REV:B
Dimensions in inches and (millimeters)
0.014(0.35) Typ.
QW-BP027
SMD ESD Protection Diode


Similar Part No. - CPDVR083V3U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
CPDVR083V3U-HF COMCHIP-CPDVR083V3U-HF Datasheet
200Kb / 5P
SMD ESD Protection Diode
CPDVR083V3UA COMCHIP-CPDVR083V3UA Datasheet
201Kb / 5P
SMD ESD Protection Diode
CPDVR083V3UA-HF COMCHIP-CPDVR083V3UA-HF Datasheet
78Kb / 5P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U_15 Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results

Similar Description - CPDVR083V3U

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com