Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M210 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M210
Description  MILLI-OHMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M210 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M210 Datasheet HTML 1Page - List of Unclassifed Manufacturers M210 Datasheet HTML 2Page - List of Unclassifed Manufacturers M210 Datasheet HTML 3Page - List of Unclassifed Manufacturers M210 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specification
Ranges (selected automatically)
...
...
...
...
...
...
1.999, 19.99, 199.9 Ohms
Increment
...
...
...
...
...
...
...
...
...
0.001, 0.01, 0.1 Ohms
Accuracy
...
...
...
...
...
...
...
...
...
±0.1% of range
Zero offset
...
...
...
...
...
...
...
...
...
±0.001 Ohms
Test current
...
...
...
...
...
...
...
...
...
5mA Max
Test power
...
...
...
...
...
...
...
...
...
5mW Max
Temp. drift
...
...
...
...
...
...
...
...
...
0.1%°C of lowest range
Operating range
...
...
...
...
...
...
...
...
5 to 35°C
Display
...
...
...
...
...
...
...
...
...
3½ digit L.C.D.
Weight
...
...
...
...
...
...
...
...
...
480 gms.
Dimensions
Approximate weight (instrument only)
...
...
...
...
...
170 gms.
(instrument incase with batteries
leads M21019A)
...
...
510 gms.
Approximate dimensions: Instrument
...
...
...
...
H: 15cm, w: 8.Ocm, D: 3.8cm
Case ...
...
...
...
...
...
...
...
...
H: 15.5cm, w: 14.5cm, D: 4.5cm
Battery
...
...
...
...
...
...
...
...
...
9v (PP3 MN 1604 or equiv.)
1EC6F22
This battery operated digital resistance meter is designed to meas-
ure accurately low resistance from 0.001 ohm to 200 ohms, using
four-terminal measurment network which eliminates errors caused
by test lead resistance.
The instrument is small and light weight and is used easily
in one hand with only an ON button to operate. It has auto-ranging,
auto-decimal point and auto-powerdown after three minutes. It has
long battery life and is powered by a single PP3 or MN 1604 bat-
tery
Some typical applications
Relay . switch and connector contacts . PC-plated through holes .
PC track resistance . Transformer and motor windings . Ring circuit
testing . Earth conductor continuity . Wire-wrapped and solder joints
. RFI sheilding and coil resistance.
Packing list
SET COMPRISING:
ONE Milli-ohmeter M210..............................................M210
ONE Set standard spring clip connectors and leads...........M210/9A
ONE Instructions leaflet
OPTIONAL EXTRAS:
ONE Ever-ready case
SET Probe and contact connectors...............................M210/9B
Milli-ohneter being used to test a reed relay.
Note the ease of connection.
Description
The Measuring Circuit
In the four-terminal “Kelvin” configuration four wires are used to connect
the circuit under test to the instruments.
One pair of wires carries current generated by the instrument, the other
pair connect to the voltage-measuring circuit.
The current circuit is low impedance, the voltage circuit high impedance.
When connected a current flows through the component or circuit under
test and the voltage drop across the test points is measured.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com