Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8061 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation C8061 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KACC1089E01
Mar. 2003 DN
KACCA0090EA
100.0
FOCAL
PLANE
50.0
FOCAL
PLANE
2.25
0.5
(4 ×) M3 DEPTH 4
75.4
I Connection Example
KACCC0197EA
POWER SUPPLY VF (+12 V)
F. GND
VP
*
P.GND
VD2
*
D. GND
CONTROLLER Cooling Control
D. GND
TE Controller
CONTROLLER
Cf SEL
D. GND
POWER SUPPLY
I/O SIGNAL
VD1 (+5 V)
D. GND
VA+ (+15 V)
VA- (-15 V)
A. GND
PULSE GENERATOR CLK
D. GND
Start
D. GND
S/H or A/D
Analog Input
A. GND
S/H Input
D. GND
OSCILLOSCOPE
CH1
GND
Ext.Trig
GND
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
* C8061-01: +5 V, C8062-01: +6 V
NOT USED FOR C8060-01
C8062-01
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com