Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT100
Description  Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website : http://www.raraohm.com Email : sg@raraohm.com
■
CHARACTERISTICS
Resistance Tolerance
1%, 2%, 5%, 10%
Temperature
Coefficient
Std. 100ppm/℃, referenced to 25℃,
from -15℃ to +105℃, other TCR on requests
Overload
max. ±[0.5%]
5times rated power with applied voltage not to exceed 1.5times Max.
continuous operation voltage for 5sec.
Thermal Shock
max. ±[0.5%]
Mil-std-202, Method-107, Cond.C
Load Life
typ. ±[1.0%]
1000 hours at rated power
Moisture Resistance
±[0.5%]
Mil-Std-202, Method 106
Insulation Resistance
10000MΩ Min.
Termination Cap of
Material
Aluminum Alloy,
Bronz M4/M6 Cap, & Rug available
Encapsulation
Epoxy/silicone confomal/ Glass/
■
GENERAL SPECIFICATIONS
Model
Power
Rating
at 100℃
[Watts]
Cotinuous
Operating
Voltage[kV]
**
Single
Impulse
Voltage
1.2/50μ s[kV]
Std.
Resistance
value [Ω ]
Low Extended
Resistance
Value [Ω ]
High
Extended
Resistance
Value [Ω₩
UT 20
20
40
77
1K ~ 1G
20R ~ 0.9K
1.1G ~ 10T
UT 35
35
30
50
10R ~ 0.9K
UT 50
50
48
77
UT 70
70
65
100
UT 100
100
100
150
UT 150
150
100
150
Cap style : ex) UT100 –nc; normal cap type, UT100-rc; Corona Ring & Cap type
* Terohm available on request
* Custom dimension, Terminations available
* Glass coat std. , epoxy coat available
* The Voltage Limited by Power
* Electrical Specification for 20kΩ ~ 1000MΩ only
** Vdc , Vac
■
DERATING CURVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com