Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX39 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BUX39
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUX39 Datasheet(HTML) 2 Page - Savantic, Inc.

  BUX39 Datasheet HTML 1Page - Savantic, Inc. BUX39 Datasheet HTML 2Page - Savantic, Inc. BUX39 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUX39
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A; IB=0;L=25mH
90
V
V(BR)EBO
Emitter-base breakdown votage
IE=50mA; IC=0
7
V
VCEsat-1
Collector-emitter saturation voltage
IC=12 A;IB=1.2 A
0.7
1.2
V
VCEsat-2
Collector-emitter saturation voltage
IC=20 A;IB=2.5 A
1.25
1.6
V
VBEsat
Emitter-base saturation voltage
IC=20 A;IB=2.5 A
2.1
2.5
V
ICEX
Collector cut-off current
VCE=120V; VBE=-1.5V
TC=125
1.0
5.0
mA
ICEO
Collector cut-off current
VCE=70V; IE=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=12A ; VCE=4V
15
45
hFE-2
DC current gain
IC=20A ; VCE=4V
8
fT
Transition frequency
IC=1A ; VCE=15V
8
MHz
Switching times
ton
Turn-on time
0.80
1.5
µs
ts
Storage time
0.55
1.0
µs
tf
Fall time
IC=20A ;IB1=-IB2=-2.5A
VCC=30V
0.15
0.3
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com