Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF0010-VP Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XF0010-VP
Description  RF TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF0010-VP Datasheet(HTML) 2 Page - XFMRS Inc.

  XF0010-VP Datasheet HTML 1Page - XFMRS Inc. XF0010-VP Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
2
E
(NOM.
INCHES)
.064
.057
.051
.051
.040
.032
.032
.028
T
(NOM.
INCHES)
.600
.600
.600
.600
.600
.600
.600
.600
H
(NOM.
INCHES)
1.405
1.405
1.405
1.405
1.405
1.475
1.475
1.475
W
(NOM.
INCHES)
.800
.800
.800
.800
.800
.800
.800
.800
L
(NOM.
INCHES)
1.40
1.40
1.40
1.40
1.40
1.40
1.40
1.40
DCR
OHMS
(MAX)
.015
.020
.025
.030
.070
.130
.170
.220
CURRENT
RATING*
(AMPS DC)
10.0
7.0
6.0
5.0
3.0
2.0
2.0
1.5
INDUCTANCE
@1kHz
± 10%
25uh
50uh
75uh
100uh
250uh
500uh
750uh
1000uh
3XF0025-VP
3XF0050-VP
3XF0075-VP
3XF0100-VP
3XF0250-VP
3XF0500-VP
3XF0750-VP
3XF1000-VP
PART
NUMBER
Vertical open/horizontal open configuration (add suffix (VO or HO) to part number. (XX=VO or HO))
SRF(H)
Mhz
(MIN.)
35.0
10.0
7.0
5.0
4.0
20.0
8.0
4.0
3.0
2.0
1.0
8.0
4.0
3.0
2.0
1.0
.8
.6
8.0
4.0
3.0
2.0
1.0
.8
.6
.4
E
± .005
.036
.032
.028
.025
.025
.046
.040
.036
.032
.028
.023
.051
.046
.040
.036
.032
.028
.025
.064
.057
.051
.051
.040
.032
.032
.028
D
(NOM.
INCHES)
0.56
0.56
0.56
0.56
0.56
0.72
0.75
0.75
0.75
0.72
0.75
1.02
1.02
1.02
1.02
1.02
1.05
1.05
1.20
1.15
1.20
1.20
1.20
1.20
1.25
1.20
C
(NOM.
INCHES)
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.50
.75
.75
.75
.75
.75
.75
.75
.75
XF0010-XX
XF0025-XX
XF0050-XX
XF0075-XX
XF0100-XX
1XF0010-XX
1XF0025-XX
1XF0050-XX
1XF0075-XX
1XF0100-XX
1XF0250-XX
2XF0025-XX
2XF0050-XX
2XF0075-XX
2XF0100-XX
2XF0250-XX
2XF0500-XX
2XF0750-XX
3XF0025-XX
3XF0050-XX
3XF0075-XX
3XF0100-XX
3XF0250-XX
3XF0500-XX
3XF0750-XX
3XF1000-XX
PART
NUMBER
INDUCTANCE
@1kHz
± 10%
10uh
25uh
50uh
75uh
100uh
10uh
25uh
50uh
75uh
100uh
250uh
25uh
50uh
75uh
100uh
250uh
500uh
750uh
25uh
50uh
75uh
100uh
250uh
500uh
750uh
1000uh
CURRENT
RATING*
(AMPS DC)
13.0
2.0
1.5
1.0
1.0
6.0
4.0
3.0
2.5
2.0
1.5
6.0
4.5
4.0
3.0
2.0
1.5
1.0
10.0
7.0
6.0
5.0
3.0
2.0
2.0
1.5
DCR
OHMS
(MAX)
.010
.020
.030
.045
.055
.015
.025
.035
.050
.070
.155
.020
.030
.035
.050
.090
.180
.250
.015
.020
.025
.030
.070
.130
.170
.220
A
(NOM.
INCHES)
0.62
0.62
0.62
0.62
0.62
0.82
0.82
0.82
0.82
0.82
0.85
1.10
1.10
1.10
1.10
1.15
1.15
1.15
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
B
(NOM.
INCHES)
.25
.25
.25
.25
.25
.32
.32
.32
.32
.32
.35
.37
.40
.40
.40
.40
.40
.40
.56
.55
.55
.56
.56
.56
.60
.60
HORIZONTAL ENCAPSULATED PACKAGE (HP)
â
á
0.060"
ä
0.025"
PIN
ß
ß
ß
ß
ß.375"à
à
à
à
à
á
â
0.500"
MAX
ß
ß
ß
ß
ß0.625"à
à
à
à
à
ß
ß
ß
ß
ß0.700"à
à
à
à
à
MAX
á
â
0.750"
MAX
ß
ß
ß
ß
ß
0.729"
à
à
à
à
à
VERTICAL
ENCAPSULATED
PACKAGE (VP)
VERTICAL
OPEN (VO)
HORIZONTAL
OPEN (HO)
E
H
A
C
B
.250 ± .062
W
L
T
E
C
A
D
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com