Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT2012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSINT2012
Description  PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSINT2012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSINT2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
battery charge when AC is present without auto transfer and SYSTEM OFF settings
Set of six front panel LEDs display AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault status
Set of 4 configuration dipswitches support wet/gel battery charging profiles, adjustable 259/264V high voltage auto transfer during overvoltages and
selectable 144/163/182/201V AC low voltage auto transfer during brownouts
Set of 4 additional configuration dip switches support 4 levels of charger limiting relative to output load size
Resettable 10A charger AC input breaker and resettable 15A AC output breaker and automatic 2 speed cooling fan protect the inverter from load and
temperature related failures
Automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop
Front panel remote control connector enables remote off/on switching (requires APSRM4 switch accessory)
Specifications
OVERVIEW
Intended Application
Emergency Home Power
OUTPUT
Frequency Compatibility
50 Hz
Output (Watts)
2000
Continuous Output Capacity (Watts)
2000
Peak Output Capacity (Watts)
4000
Output Nominal Voltage
230V
Output Voltage Regulation
LINE POWER (AC): Maintains 230V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 230 VAC (+/-5%).
Output Frequency Regulation
50 Hz (+/- 0.3 Hz)
Overload Protection
Includes 10A input breaker dedicated to the charging system and 15A output breaker for AC output loads
Outlet Quantity / Type
Hardwire
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
DC INPUT: Requires 12VDC input source capable of delivering 192A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire installation with 400A minimum battery system fusing is recommended.
Maximum Input Amps / Watts
DC INPUT: Full continuous load - 192A at 12VDC. AC INPUT: 17 amps at 230VAC with full inverter and charger
load (8.7A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output loading using the charger limiting set points - see manual for setting instructions)
Input Connection Type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
12
Input Frequency
50Hz
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com