Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV2000FC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PV2000FC
Description  PowerVerter짰 Plus 2000W Industrial-Strength Inverter with 2 Outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PV2000FC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PV2000FC Datasheet HTML 1Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 2Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 3Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 4Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shipping Dimensions (HWD/in)
13.5 x 15 x 21.5
Shipping Dimensions (HWD/cm)
34.29 x 38.1 x 54.61
Shipping weight (lbs)
43
Shipping weight (kg)
19.5
Unit Dimensions (HWD/in)
7.25 x 8.5 x 16.25
Unit Dimensions (HWD/cm)
18.42 x 21.59 x 41.28
Unit weight (lbs)
39.0
Unit weight (kg)
17.7
Cooling method
Fan
Material of construction
Polycarbonate
Style
Heavy-duty
Form factors supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
SPECIAL FEATURES
Appearance
Attractive all-black color scheme
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level
Remote control capability
Yes
CERTIFICATIONS
Certifications
Meets UL458 (USA, Canada), RoHS Compliant
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
APSRM4
Remote Control Module - for Tripp Lite Inverters and Inverter/Chargers
1
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com