Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS06A12T30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TGS06A12T30
Description  MAX Guard Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TGS06A12T30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TGS06A12T30 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 2Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 3Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 4Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 5Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGS06A12T30 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MAX Guard
 Transient Voltage Suppressor
(TGS Series)
Document No
TTGS-XX0S001B
Issued date
2014/01/17
Page
1/8
TA-I TECHNOLOGY CO., LTD
1. Scope
Bi-directional transient voltage suppressor (TGS) produced by Ta-I technology is designed for data line
ESD protection in sensitive electronic circuit. This TGS is suitable for high data transmission applications
because of its low device capacitance of lower than 1 pF.
2. Construction
3. Type Designation
Over Coat
Ceramic Substrate
Conductor
Ni Plating
Suppressor Element
Sn Plating
TGS
MAX Guard
Suppressor
A
A: Suit for
IEC61000-4-2
30
Typical
Clamping
Voltage
30V
T
Packaging
T: Paper
tape(5K/10K)
12
Maximum
Working
Voltage
12:12V
06
Size
04:0402(1005)
06:0603(1608)


Similar Part No. - TGS06A12T30

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
TGS-1080-M12 ORING-TGS-1080-M12 Datasheet
3Mb / 4P
8-port unmanaged Gigabit Ethernet switch
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
8-port unmanaged Gigabit Ethernet switch
TGS-1080-M12-BP2-MV ORING-TGS-1080-M12-BP2-MV Datasheet
3Mb / 4P
8-port unmanaged Gigabit Ethernet switch
TGS-1080-M12-MV ORING-TGS-1080-M12-MV Datasheet
3Mb / 4P
8-port unmanaged Gigabit Ethernet switch
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
12-port managed Gigabit Ethernet switch
More results

Similar Description - TGS06A12T30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
GS04A03T3V3 ETC-GS04A03T3V3 Datasheet
641Kb / 8P
MAX Guard??ESD Suppressor
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
MAX Guard ESD Suppressor
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com