Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMF10FE103 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RMF10FE103
Description  Automotive Grade Thick Film Chip Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF10FE103 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RMF10FE103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF10FE103 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
6/13
TA-I TECHNOLOGY CO., LTD
Note* : RCWV : Rated continuous working voltage .
7. Marking
7.1 ±2% & ±5%(E24) : RMF06 / RMF10 / RMF12 / RMF13 / RMF20 / RMF25
Resistance value is expressed by 3 digits, the first two digits represent the significant figures of
nominal resistance value inΩ, and the third digit represents exponent for base of 10.
E.G. :, 102 = 10×10
2 = 1000Ω = 1KΩ
7.2 ±0.5% , ±1% (E96 ) : RMF10 / RMF12 / RMF13 / RMF20 / RMF25
Resistance value is expressed by 4 digits , the first three digits represent the significant
figures of nominal resistance value inΩ, and the fourth digit represents exponent for base of 10.
E.G. : 1000 = 100×10
0 = 100Ω
7.3
±
0.5% , ±1% ( E96): RMF06
When the marking space is too small in such small-sized resistors as RMF06, the marking can not
made by 4 digits and may be made by two digits combined with one English capital.
ESD
AEC-Q200-REV C-Test 17
verify the voltage setting at 500V
±(1% + 0.1Ω )
0201 : ±(2% + 0.1Ω )
Solderability
AEC-Q200-REV C-Test 18
J-STD-002
Method B, aging 4 hours at 155 °C dry
heat Lead-free solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
> 95% area covered with tin
Flammability
AEC-Q200-REV C-Test 17
UL-94
V-0 or V-1 are acceptable. Electrical test
not required.
V-0 or V-1
Board Flex
( Bending )
AEC-Q200-REV C-Test 21
3mm deflection(RMF02~RMF13)
2mm deflection(RMF20~RMF25)
0.5%,1% : ±(0.5% + 0.05Ω )
2%.5% : ±(1% + 0.1Ω )
0201 : ±(1% + 0.1Ω )
0Ω : 50mΩ or less
Terminal Strength
(SMD)
IEC 60115-1 4.32
Force of 1.02kg for 10±1 seconds.
Remarks :
RMF02:NA ,RMF04:0.51kg
±
(0.5% + 0.05Ω )
0Ω : 50mΩ or less
Sulfuration Test
ASTM-B-809-95
Sulfur(saturated vapor)
360 hours,105±2°C,
unpowered
0.5%,1%:±(1%+0.05Ω)
2%, 5%:±(2%+0.05Ω)
0Ω : 100mΩ or less
1000
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com